Electronic Components Datasheet Search
  English  ▼

X  

ADS5103 Datasheet(PDF) 18 Page - Texas Instruments

Part # ADS5103
Description  1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5103 Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS5103 Datasheet HTML 14Page - Texas Instruments ADS5103 Datasheet HTML 15Page - Texas Instruments ADS5103 Datasheet HTML 16Page - Texas Instruments ADS5103 Datasheet HTML 17Page - Texas Instruments ADS5103 Datasheet HTML 18Page - Texas Instruments ADS5103 Datasheet HTML 19Page - Texas Instruments ADS5103 Datasheet HTML 20Page - Texas Instruments ADS5103 Datasheet HTML 21Page - Texas Instruments ADS5103 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
ADS5102
ADS5103
SLAS351B – OCTOBER 2001 – REVISED DECEMBER 2001
18
www.ti.com
PRINCIPLES OF OPERATION
digital outputs
The outputs of the ADS5102/3 are also CMOS and are programmable for either 3.3 V or 1.8 V CMOS logic
levels. This is controlled by the DRVDD supply. Either 3.3 V or 1.8 V can be applied to DRVDD with excellent
results. The output format is offset binary with D0 (LSB) and D9 (MSB). See Table 1 for output coding with a
differential input signal applied. There is a 5.5 clock latency from the sampling to valid data output on D0–D9.
The outputs can be placed into active mode by taking OE low or 3-state by taking OE high. The timing relations
between OE and output bus enable/disable times are shown in the timing diagram (refer to page 7). The
capacitive loading on the digital outputs is very important to achieve best performance. The total load
capacitance is typically made up of two sources, next stage input capacitance and PWB etch run capacitance.
The total capacitance of these two loads should be held to less than 15 pF. If for some reason, this cannot be
met, it is recommended to use logic buffers such as ‘244 placed physically very close to the ADC output. This
isolates the ADC output from the load capacitance and performance specs are achieved. Another technique
is to place a small resistor in series with the outputs. This resistance dampens the current spikes into the
capacitive loads and thus improve ADC performance. The value of this resistor varies with sampling rate but
generally 22
Ω is a good value. Again this depends on the load capacitance.
The digital output of these devices is offset binary and follows the following format.
Table 1. Output Coding
ANALOG INPUT
SIGNAL VOLTAGE
STEP
DIGITAL OUTPUT CODE
ANALOG INPUT
IN +
SIGNAL VOLTAGE
IN –
STEP
MSB
LSB
REFT†
REFB†
1023
1
1
1
1
1
1
1
1
1
1
•
•
•
•
•
•
•
•
•
•
•
•
•
(REFT – REFB) / 2
(REFT – REFB) / 2
512
1
0
0
0
0
0
0
0
0
0
•
•
511
0
1
1
1
1
1
1
1
1
1
•
•
•
•
•
•
•
•
•
•
•
•
•
REFB
REFT
0
0
0
0
0
0
0
0
0
0
0
† Where there is either an internal voltage reference or an external voltage reference applied to the REFT and REFB pins.
driving the analog input
Since many real world signals are single ended and most modern high speed ADC’s employ differential inputs,
it is necessary in many cases to perform single ended to differential conversion prior to the ADC. Also, the ADC
performs optimally if a differential signal is applied to the inputs. In some cases, signal conditioning is required
in the form of the amplification or filtering. The two preferred techniques for driving the ADC input are: 1) With
an active amplifier specifically designed to drive ADC’s; 2) With an RF transformer.
driving the analog input with a differential amplifier
Texas Instruments has developed a family of high quality operational amplifiers that have been designed
specifically for driving the input stage of modern ADC’s. These devices allow for amplification and filtering prior
to the ADC. This stage can be used to set the maximum signal voltage to match the full scale input of the ADC.
The best solution for driving the ADS5102/3 ADC’s is the THS4501 amplifier. Figure 31 shows how to use this
device with a gain of 2. The ADC common mode output voltage can be directly connected to the op amp to
provide the proper levels. The THS4501 provides optimum matching of op amp output to the input of the
ADS5102/3. This configuration provides signal amplification, filtering, and single-ended to differential
conversion. It is recommended to provide de-coupling capacitors of 0.1
µF and 0.001 µF on the CML output.
This filters out any high frequency noise prior the ADC input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com