Electronic Components Datasheet Search
  English  ▼

X  

DS76KHZ Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS76KHZ
Description  76.8 kHz TCXO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS76KHZ Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS76KHZ Datasheet HTML 1Page - Dallas Semiconductor DS76KHZ Datasheet HTML 2Page - Dallas Semiconductor DS76KHZ Datasheet HTML 3Page - Dallas Semiconductor DS76KHZ Datasheet HTML 4Page - Dallas Semiconductor DS76KHZ Datasheet HTML 5Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1 of 5
050599
FEATURES
Accurate to
±7.5 ppm (-40°C to +85°C)
Accurate to
±2 ppm (0°C to 40°C)
Battery back up for continuous output
VBAT operating voltage 2.7 to 5.5 volts (with
VCC grounded)
VCC operating voltage 4.5 to 5.5 volts
Operating temperature range:
COM: 0
°C to 70°C
IND: -40
°C to +85°C
No calibration required
Low power consumption
Surface mountable
VCC:
C2, C3, D2, D3
VBAT:
A4, A5, B4, B5
76KHz:
C4, C5, D4, D5
GND:
All Remaining Balls
PIN ASSIGNMENT
DESCRIPTION
The DS76KHz is a temperature-compensated crystal oscillator (TCXO) with an output frequency of 76.8
kHz.
This device is available in commercial and industrial temperature versions, DS76KHz and
DS76KHz-N respectively.
The DS76KHz requires four pins for operation: VCC, GND, VBAT and 76KHz OUT. See Figures 1, 2 and
3 for connection schemes. Power is applied via VCC and GND, while VBAT is used to maintain the 76KHz
output in the absence of power. The output is accurate to
±7.5 ppm from -40°C to +85°C and ±2 ppm
from 0°C to 40°C.
The DS76KHz is packaged in a small 36-pin SMD, utilizing Ball Grid Array (BGA) technology, with
dimensions 0.400 inches wide, 0.450 inches long, and 0.180 inches high.
The recommended land pattern layout is shown on page 5.
The additional board space required is negligible in most applications and therefore the recommended
land pattern layout should be implemented on all new designs and future board revisions to satisfy
applications requiring better accuracy.
DS76KHz
76.8 kHz TCXO
PRELIMINARY
www.dalsemi.com
AB
D
C
DS76KHz 36-Pin SMD
(TOP VIEW)
1
2
3
4
5
6
7
8
9


Similar Part No. - DS76KHZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS76KHZ MAXIM-DS76KHZ Datasheet
110Kb / 5P
76.8 kHz TCXO
050599
More results

Similar Description - DS76KHZ

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCXO-201CA KSS-TCXO-201CA Datasheet
124Kb / 1P
TCXO, VC-TCXO
TCXO-204C2 KSS-TCXO-204C2 Datasheet
127Kb / 1P
TCXO, VC-TCXO
TCXO-205CA KSS-TCXO-205CA Datasheet
127Kb / 1P
TCXO, VC-TCXO
TCXO-208C KSS-TCXO-208C Datasheet
159Kb / 1P
TCXO, VC-TCXO
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
TCXO/VC-TCXO
logo
KR Electronics, Inc.
2973 KR-2973 Datasheet
53Kb / 3P
76.8 MHz Center Frequency
logo
ECS, Inc.
ECS-TXO-3225 ECS-ECS-TXO-3225 Datasheet
127Kb / 1P
HCMOS TCXO/VC-TCXO
logo
SiTime Corp.
SIT1566 SITIME-SIT1566 Datasheet
833Kb / 9P
1.2mm2 uPower, Low-Jitter, 3 & 5 ppm, 32.768 kHz Super-TCXO
SIT1568 SITIME-SIT1568 Datasheet
826Kb / 12P
1.2mm2Micropower, 5 ppm, 32.768 kHz TCXO with In-System Auto-Calibration
logo
Maxim Integrated Produc...
DS76KHZ MAXIM-DS76KHZ Datasheet
110Kb / 5P
76.8 kHz TCXO
050599
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com