Electronic Components Datasheet Search
  English  ▼

X  

DS76KHZ Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS76KHZ
Description  76.8 kHz TCXO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS76KHZ Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS76KHZ Datasheet HTML 1Page - Dallas Semiconductor DS76KHZ Datasheet HTML 2Page - Dallas Semiconductor DS76KHZ Datasheet HTML 3Page - Dallas Semiconductor DS76KHZ Datasheet HTML 4Page - Dallas Semiconductor DS76KHZ Datasheet HTML 5Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DS76KHz
3 of 5
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-3.0V to +7.0V
Operating Temperature
0
°C to 70°C - Commercial
-40
°C to +85°C - Industrial
Storage Temperature
-40
°C to +85°C
Soldering Temperature
+260
°C for 10 seconds (2 times max.)
∗ This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability. The Dallas
Semiconductor DS76KHz is built to the highest quality standards and manufactured for long term
reliability.
All Dallas Semiconductor devices are made using the same quality materials and manufacturing methods.
However, the DS76KHz is not exposed to environmental stresses, such as burn-in, that some industrial
applications require. For specific reliability information on this product, please contact the factory in
Dallas at (972) 371-4448.
RECOMMENDED DC OPERATING CONDITIONS
(-40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Power Supply Voltage
VCC
4.5
5.0
5.5
V
1
Battery Voltage
VBAT
2.7
3.0
3.3, 5.5
V
1, 7
DC ELECTRICAL CHARACTERISTICS
(VCC =4.5V to 5.5V; -40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Active Supply Current
ICC
150
180
µA
2, 8
Active Battery Current
(VCC =0V, VBAT =3.3V)
IBAT
14
µA
3, 8
High Output Voltage
IOH=-1.0 mA)
VOH
2.4
V
6
Low Output Voltage
(IOL =2.1 mA)
VOL
0.4
V
6
Battery Switch Voltage
VSW
VBAT
V
AC TIMING CHARACTERISTICS
(VCC =4.5V to 5.5V; -40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Output Frequency
fOUT
76.8
kHz
Frequency Stability vs Temp
(0
°C to 40°C)
(-40
°C to +85°C)
∆f/f
O
±2.0
±7.5
±7.5
PPM
Frequency Stability vs
Operating Voltage
∆f/
V
±1.0
ppm/V
Duty Cycle
TW/T
45
50
55
%
Cycle Time
tCYC
13.021
µs
4
High/Low Time
tH/tL
6.31
µs
4
Rise Time
tR
325
ns
4
Fall Time
tF
75
ns
4
Oscillator Start-Up Time
tOSC
150
ms
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com