Electronic Components Datasheet Search
  English  ▼

X  

DS1996 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1996
Description  64kbit Memory iButtonTM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1996 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1996 Datasheet HTML 1Page - Dallas Semiconductor DS1996 Datasheet HTML 2Page - Dallas Semiconductor DS1996 Datasheet HTML 3Page - Dallas Semiconductor DS1996 Datasheet HTML 4Page - Dallas Semiconductor DS1996 Datasheet HTML 5Page - Dallas Semiconductor DS1996 Datasheet HTML 6Page - Dallas Semiconductor DS1996 Datasheet HTML 7Page - Dallas Semiconductor DS1996 Datasheet HTML 8Page - Dallas Semiconductor DS1996 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1 of 18
91099
SPECIAL FEATURES
§ 65536 bits of read/write nonvolatile memory
§ Overdrive mode boosts communication
speed to 142k bits per second
§ 256-bit scratchpad ensures integrity of data
transfer
§ Memory partitioned into 256-bit pages for
packetizing data
§ Data integrity assured with strict read/write
protocols
§ Operating temperature range from -40°C to
+70°C
§ Over 10 years of data retention
F5 MICROCAN
TM
COMMON iButton FEATURES
§ Unique, factory-lasered and tested 64-bit
registration number (8-bit family code + 48-
bit serial number 8-bit CRC tester) assures
absolute traceability because no two parts are
alike
§ Multidrop controller for MicroLAN
§ Digital identification and information by
momentary contact
§ Chip-based data carrier compactly stores
information
§ Data can be accessed while affixed to object
§ Economically communicates to bus master
with a single digital signal at 16.3k bits per
second
§ Standard 16 mm diameter and 1-WireTM
protocol ensure compatibility with iButton
family
§ Button shape is self-aligning with cup-
shaped probes
§ Durable stainless steel case engraved with
registration number withstands harsh
environments
All dimensions are shown in millimeters
§ Easily affixed with self-stick adhesive
backing, latched by its flange, or locked with
a ring pressed onto its rim
§ Presence detector acknowledges when reader
first applies voltage
§ Meets UL#913 (4th Edit); Intrinsically Safe
Apparatus, Approved under Entity Concept
for use in Class I, Division 1, Group A, B, C
and D Locations (application pending)
ORDERING INFORMATION
DS1996L-F5
F5 MicroCan
EXAMPLES OF ACCESSORIES
DS9096P
Self-Stick Adhesive Pad
DS9101
Multi-Purpose Clip
DS9093RA
Mounting Lock Ring
DS9093F
Snap-In Fob
DS9092
iButton Probe
DS1996
64kbit Memory iButton
TM
www.dalsemi.com
DATA
GROUND
0.36
0.51
5.89
c 1993
YYWW REGISTERED RR
5E
0C
000000FBC52B
16.25
17.35


Similar Part No. - DS1996

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1996 MAXIM-DS1996 Datasheet
382Kb / 19P
64Kb Memory iButton
Rev 8/09
DS1996L-F5+ MAXIM-DS1996L-F5+ Datasheet
382Kb / 19P
64Kb Memory iButton
Rev 8/09
More results

Similar Description - DS1996

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9094 DALLAS-DS9094 Datasheet
59Kb / 1P
iButtonTM Clip
DS1992 DALLAS-DS1992 Datasheet
537Kb / 17P
1kbit/4kbit Memory iButtonTM DS1994 4-kbit Plus Time Memory iButtonTM
logo
Xicor Inc.
X5645 XICOR-X5645 Datasheet
117Kb / 19P
CPU Supervisor with 64Kbit SPI EEPROM
logo
Intersil Corporation
X5643 INTERSIL-X5643 Datasheet
312Kb / 19P
CPU Supervisor with 64Kbit SPI EEPROM
July 18, 2005
logo
Asahi Kasei Microsystem...
AK6514C AKM-AK6514C Datasheet
131Kb / 18P
SPI bus 64Kbit Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE25LA642CS SANYO-LE25LA642CS Datasheet
369Kb / 14P
64Kbit Serial SPI EEPROM
LE25LB642CT SANYO-LE25LB642CT Datasheet
372Kb / 14P
Serial SPI EEPROM (SPI Bus)(64Kbit)
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
Serial SPI EEPROM (SPI Bus) (64Kbit)
logo
Dallas Semiconductor
DS9092R DALLAS-DS9092R Datasheet
59Kb / 2P
iButtonTM Port
logo
Renesas Technology Corp
X5643 RENESAS-X5643 Datasheet
734Kb / 19P
CPU Supervisor with 64Kbit SPI EEPROM
July 18, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com