Electronic Components Datasheet Search
  English  ▼

X  

DS1996 Datasheet(PDF) 12 Page - Dallas Semiconductor

Part # DS1996
Description  64kbit Memory iButtonTM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1996 Datasheet(HTML) 12 Page - Dallas Semiconductor

Back Button DS1996 Datasheet HTML 8Page - Dallas Semiconductor DS1996 Datasheet HTML 9Page - Dallas Semiconductor DS1996 Datasheet HTML 10Page - Dallas Semiconductor DS1996 Datasheet HTML 11Page - Dallas Semiconductor DS1996 Datasheet HTML 12Page - Dallas Semiconductor DS1996 Datasheet HTML 13Page - Dallas Semiconductor DS1996 Datasheet HTML 14Page - Dallas Semiconductor DS1996 Datasheet HTML 15Page - Dallas Semiconductor DS1996 Datasheet HTML 16Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
DS1996
12 of 18
1-WIRE SIGNALING
The DS1996 requires strict protocols to ensure data integrity. The protocol consists of four types of
signaling on one line: Reset Sequence with Reset Pulse and Presence Pulse, Write 0, Write 1 and Read
Data. All these signals except presence pulse are initiated by the bus master. The DS1996 can
communicate at two different speeds, regular speed and Overdrive speed. If not explicitly set into the
overdrive mode, the DS1996 will communicate at regular speed. While in Overdrive Mode the fast timing
applies to all wave forms.
The initialization sequence required to begin any communication with the DS1996 is shown in Figure 10.
A reset pulse followed by a presence pulse indicates the DS1996 is ready to send or receive data given the
correct ROM command and memory function command. The bus master transmits (TX) a reset pulse
(tRSTL , minimum 480 µs at regular speed, 48 µs at Overdrive speed). The bus master then releases the
line and goes into receive mode (RX). The 1-Wire bus is pulled to a high state via the pullup resistor.
After detecting the rising edge on the data contact, the DS1996 waits (tPDH, 15-60 µs at regular speed, 2-6
µs at Overdrive speed) and then transmits the presence pulse (tPDL, 60-240 µs at regular speed, 8-24 µs at
Overdrive speed).
A Reset Pulse of 480 µs or longer will exit the Overdrive Mode returning the device to regular speed. If
the DS1996 is in Overdrive Mode and the Reset Pulse is no longer than 80 µs the device will remain in
Overdrive Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com