Electronic Components Datasheet Search
  English  ▼

X  

DS1996 Datasheet(PDF) 17 Page - Dallas Semiconductor

Part # DS1996
Description  64kbit Memory iButtonTM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1996 Datasheet(HTML) 17 Page - Dallas Semiconductor

Back Button DS1996 Datasheet HTML 10Page - Dallas Semiconductor DS1996 Datasheet HTML 11Page - Dallas Semiconductor DS1996 Datasheet HTML 12Page - Dallas Semiconductor DS1996 Datasheet HTML 13Page - Dallas Semiconductor DS1996 Datasheet HTML 14Page - Dallas Semiconductor DS1996 Datasheet HTML 15Page - Dallas Semiconductor DS1996 Datasheet HTML 16Page - Dallas Semiconductor DS1996 Datasheet HTML 17Page - Dallas Semiconductor DS1996 Datasheet HTML 18Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
DS1996
17 of 18
PHYSICAL SPECIFICATIONS
Size
See mechanical drawing
Weight
3.3 grams (F5 package)
Humidity
90% RH at 50°C
Altitude
10,000 feet
Expected Service Life
10 years at 25°C
Safety
Meets UL#913 (4
th Edit.); Intrinsically Safe
Apparatus, Approved under Entity Concept
for use in Class I, Division 1, Group A, B, C
and D Locations (application pending)
ABSOLUTE MAXIMUM RATINGS*
Voltage on any Pin Relative to Ground
-0.5V to +7.0V
Operating Temperature
-40°C to +70°C
Storage Temperature
-40°C to +70°C
∗ This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(VPUP=2.8V to 6.0V, -40°C to +70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Logic 1
VIH
2.2
VCC +0.3
V
1, 8
Logic 0
VIL
-0.3
+0.8
V
1
Output Logic Low @ 4 mA
VOL
0.4
V
1
Output Logic High
VOH
VPUP
6.0
V
1, 2
Input Load Current
IL
5
µA
3
CAPACITANCE
(TA = 25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
I/O (1-Wire)
CIN/OUT
100
800
pF
6
AC ELECTRICAL CHARACTERISTICS REGULAR SPEED
(-40°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Time Slot
tSLOT
60
120
µs
Write 1 Low Time
tLOW1
1
15
µs
Write 0 Low Time
tLOW0
60
120
µs
Read Data Valid
tRDV
exactly 15
µs
Release Time
tRELEASE
0
15
45
µs
Read Data Setup
tSU
1
µs
5
Recovery Time
tREC
1
µs
Reset Time High
tRSTH
480
µs
4
Reset Time Low
tRSTL
480
µs
7
Presence Detect High
tPDH
15
60
µs
Presence Detect Low
tPDL
60
240
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com