Electronic Components Datasheet Search
  English  ▼

X  

BLE112 Datasheet(PDF) 12 Page - Silicon Laboratories

Part # BLE112
Description  Heart rate sensors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE112 Datasheet(HTML) 12 Page - Silicon Laboratories

Back Button BLE112 Datasheet HTML 8Page - Silicon Laboratories BLE112 Datasheet HTML 9Page - Silicon Laboratories BLE112 Datasheet HTML 10Page - Silicon Laboratories BLE112 Datasheet HTML 11Page - Silicon Laboratories BLE112 Datasheet HTML 12Page - Silicon Laboratories BLE112 Datasheet HTML 13Page - Silicon Laboratories BLE112 Datasheet HTML 14Page - Silicon Laboratories BLE112 Datasheet HTML 15Page - Silicon Laboratories BLE112 Datasheet HTML 16Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Bluegiga Technologies Oy
Page 12 of 34
2.7 Current Consumption
Min
Typ
Max
Unit
36
mA
30
mA
28
mA
25
mA
235
uA
0.9
uA
0.4
uA
Power mode
Active mode TX 2 dBm
Power mode 2
Power mode 1
Power mode 3
Active mode TX -2 dBm
Active mode TX -6 dBm
Active mode RX
Table 7: Current consumption of BLE112
0.9 uA
(Power mode 2)
0.9uA
(Power mode 2)
7.6 mA
7.6 mA
36 mA
25 mA
500 us
3.8 ms
Figure 2: Typical current consumption profile during advertising in slave mode
500 us
7.6 mA
25 mA
36 mA
7.6 mA
0.9 uA
(Power mode 2)
0.9 uA
(Power mode 2)
Figure 3: Typical current consumption profile during data connection in slave mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com