Electronic Components Datasheet Search
  English  ▼

X  

BLE112 Datasheet(PDF) 23 Page - Silicon Laboratories

Part # BLE112
Description  Heart rate sensors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE112 Datasheet(HTML) 23 Page - Silicon Laboratories

Back Button BLE112 Datasheet HTML 19Page - Silicon Laboratories BLE112 Datasheet HTML 20Page - Silicon Laboratories BLE112 Datasheet HTML 21Page - Silicon Laboratories BLE112 Datasheet HTML 22Page - Silicon Laboratories BLE112 Datasheet HTML 23Page - Silicon Laboratories BLE112 Datasheet HTML 24Page - Silicon Laboratories BLE112 Datasheet HTML 25Page - Silicon Laboratories BLE112 Datasheet HTML 26Page - Silicon Laboratories BLE112 Datasheet HTML 27Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
Bluegiga Technologies Oy
Page 23 of 34
FR4, εr = 4.6
Prepreg, εr = 3.7
W = 0.15 mm
h = 0.076 mm
G = 0.25 mm
GND stitching vias
RF GROUND
RF GROUND
RF GROUND
RF GROUND
FR4, εr = 4.6
h = 1 mm
W = 1.8 mm
MICROSTRIP
CPW Ground
Figure 20: Example cross section of two different 50 ohm transmission line
5.5 Design Check List
Antenna is placed at the edge of a PCB, preferably to a corner
Antenna has sufficient clearance area around it and it is not covered by metal
All the GND pins are connected to a solid GND plane
All the IOs are in a known state and there are no leakage paths from the IOs
o UART and SPI inputs must have external pull-up or pull-down
o P1_0 and P1_1 must have either external pull-up or pull-down or configured as output
TX power is set not higher than required for each application
By-
pass capacitor (47 uF… 100uF) is placed parallel with a coin cell battery to compensate the high
series resistance of a coin cell
Current test point is placed to measure the sleep current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com