Electronic Components Datasheet Search
  English  ▼

X  

BLE112 Datasheet(PDF) 17 Page - Silicon Laboratories

Part # BLE112
Description  Heart rate sensors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE112 Datasheet(HTML) 17 Page - Silicon Laboratories

Back Button BLE112 Datasheet HTML 13Page - Silicon Laboratories BLE112 Datasheet HTML 14Page - Silicon Laboratories BLE112 Datasheet HTML 15Page - Silicon Laboratories BLE112 Datasheet HTML 16Page - Silicon Laboratories BLE112 Datasheet HTML 17Page - Silicon Laboratories BLE112 Datasheet HTML 18Page - Silicon Laboratories BLE112 Datasheet HTML 19Page - Silicon Laboratories BLE112 Datasheet HTML 20Page - Silicon Laboratories BLE112 Datasheet HTML 21Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
Bluegiga Technologies Oy
Page 17 of 34
18.10 mm
U.fl
Figure 10: Physical dimensions (top view)
18.1 mm
2.1 mm
2.3 mm
Figure 11: Physical dimensions (side view)
Figure 12: Recommended land pattern for BLE112-A and BLE112-E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com