Electronic Components Datasheet Search
  English  ▼

X  

KPC410TLD Datasheet(PDF) 3 Page - COSMO Electronics Corporation

Part # KPC410TLD
Description  5PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC410TLD Datasheet(HTML) 3 Page - COSMO Electronics Corporation

  KPC410TLD Datasheet HTML 1Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 2Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 3Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 4Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 5Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 6Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 7Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 8Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P04009.3
- 3 -
http://www.cosmo-ic.com
cosmo
KPC410 Series
5PIN HIGH-SPEED OUTPUT
PHOTOCOUPLER
Absolute Maximum Ratings
(Ta=25℃)
Parameter
Symbol
Rating
Unit
Input
Forward current (*1)
IF
25
mA
Peak forward current (*2)
IFM
40
mA
Reverse voltage
VR
5
V
Power dissipation
PD
45
mW
Output
Supply voltage
VCC
7
V
High level output voltage
VOIL
7
V
Low level output current
IOL
50
mA
Output collector power dissipation
PC
85
mW
Isolation voltage 1 minute (*3)
Viso
3750
Vrms
Operating temperature
Topr
-40 to +85
℃
Storage temperature
Tstg
-55 to +125
℃
Soldering temperature 10 seconds
Tsol
260
℃
Electro-optical Characteristics
( Ta= 25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max. Unit
Input forward voltage (*4)
VF
IF=10mA,Ta=25℃
–
1.6
1.75
V
Input reverse voltage
VBR
IR=10uA,Ta=25℃
5
–
-
V
Input capacitance
CIN
VF=0, f=1MHZ
–
60
-
pF
Logic (1) output current
IOH
Vcc=5.5V,VO=5.5V,IF=250uA
-
2
250
μA
Logic (0) output voltage
VOL
Vcc=5.5V,IF=5mA,
IOL(Sinking)=13mA
-
0.4
0.6
V
Logic (1) supply current
ICCH
Vcc=5.5V,IF=0mA
-
7
15
mA
Logic (0) supply current
ICCL
Vcc=5.5V,IF=10mA
-
13
18
mA
Leak current (*5)
II-O
45%RH,Ta=25 ,t=5s,VI
℃
-O=3000VDC
–
-
1.0
mA
Isolation resistance (input-output) (*5)
RI-O
VI-O=500V, Ta=25℃
-
10
12
-
Ω
Capacitance (input-output ) (*5)
CI-O
f=1MHZ, Ta=25℃
-
0.6
-
pF
Propagation delay time
Output (0) (1) (*6)
tPLH
IF=7.5mA,Vcc=5V,RL=350Ω,
CL=15pF,Ta=25℃
-
45
75
ns
Propagation delay time
Output (1) (0) (*6)
tPHL
-
45
75
ns
Output rise-fall time (10 to 90%)
tr,tf
IF=7.5mA,Vcc=5V,RL=350Ω,CL=15pF
–
30
-
ns
Instantaneous common mode rejection
voltage “output(0)” (*7)
CMH
IF=0mA,
VCM=10V,VO(Min)=2.0V
RL=350Ω
-
500
-
V/us
Instantaneous common mode rejection
voltage “output(1)” (*7)
CML
IF=5mA,
VCM=10V,VO(Max)=0.8V
RL=350Ω
-
-500
-
V/us



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com