Electronic Components Datasheet Search
  English  ▼

X  

KPC410TLD Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KPC410TLD
Description  5PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC410TLD Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KPC410TLD Datasheet HTML 1Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 2Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 3Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 4Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 5Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 6Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 7Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 8Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P04009.3
- 5 -
http://www.cosmo-ic.com
cosmo
KPC410 Series
5PIN HIGH-SPEED OUTPUT
PHOTOCOUPLER
Fig.1 Low Level Output Voltage
Fig.2 Forward Current
vs. Ambient Temperature
vs. Input Diode Forward Voltage
Ambient Temperature Ta(
)
℃
Forward Voltage VF (V)
Fig.3 Switching Time
Fig.4 Low Level Output Current
VS
. Forward Current
vs. Ambient Temperature
57
911
13
15
0
20
40
60
80
100
120
RL=4KΩ(TPLH)
RL=1KΩ(TPLH)
RL=350Ω(TPLH)
RL=1KΩ
RL=4KΩ(TPLH)
RL=350KΩ
IF-Forward Current (mA)
Ambient Temperature Ta ( )
℃
Fig.5 Input Threshold Current
Fig.6 Output Voltage
vs. Ambient Temperature
vs. Input Forward Current
01
2
3
45
0
1
2
3
4
5
6
6
RL=4KΩ
RL=350Ω
RL=1KΩ
Ambient Temperature Ta ( )
℃
IF-Forward Current(mA)
-40
-20
0
20
40
60
80
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Condiction:
IF=5mA
VE=2V
VCC=5.5V
IOL=16mA
IOL=12.8mA
IOL=6.4mA
IOL=9.6mA
-40
-20
0
20
40
60
80
20
25
30
35
40
45
50
Condiction:
VCC=5V
VE=2V
VOL=0.6V
IF=15mA
IF=10mA
IF=5mA
-40
-20
0
20
40
60
80
1
2
3
4
RL=4KΩ
RL=1KΩ
RL=350Ω
Condiction:
VCC=5V
VO=0.6V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com