Electronic Components Datasheet Search
  English  ▼

X  

KPC410TLD Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KPC410TLD
Description  5PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC410TLD Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KPC410TLD Datasheet HTML 1Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 2Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 3Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 4Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 5Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 6Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 7Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 8Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P04009.3
- 4 -
http://www.cosmo-ic.com
cosmo
KPC410 Series
5PIN HIGH-SPEED OUTPUT
PHOTOCOUPLER
Note ) Typical values are all at Vcc = 5V, Ta= 25°C
*1 Ta=25°C.
*2 Pulse width <= 1ms
*3 40 to 80%RH AC for 1 minute, f=60HZ.
*4 At Iin =10mA, VF decreases at the rate of 1.6mV/°C if the temperature goes up.
*5 Measured as 2-pin element. Connect pins 2 and 3, connect pins 5, 6, 7 and 8.
*6 Refer to the Fig. 1.
*7 CMH represents a common mode voltage ignorable rise time ratio that can hold logic (1) state in output.
CML represents a common mode voltage ignorable fall time ratio that can hold logic (0) state in output.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Low level input current
IFL
0
250
μA
High level input current
IFH
7.0
15
mA
Supply voltage
VCC
4.5
5.5
V
Fanout (TTL load )
N
-
8
-
Operating temperature
Topr
-40
+85
℃
Test Circuit for Propagation Delay time
Vo
5V
Pulse input
350Ω
CL
TPLH
3.75mA
TPHL
tf
10%
90%
VO
tr
IF
VOL
1.5V
5V
0mA
7.5mA
Test Circuit for Instantaneous Common Mode Rejection Voltage
SW
A
VCM
B
350Ω
CL
Vo
5V
VO
SW:A (IF=5mA)
VOL
tf
10%
10%
SW:B (IF=0)
VO
VCM
tr
90%
90%
Vo(min)
Vo(max)
0V
5V
10V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com