Electronic Components Datasheet Search
  English  ▼

X  

LM4873 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4873
Description  Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4873 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4873 Datasheet HTML 1Page - National Semiconductor (TI) LM4873 Datasheet HTML 2Page - National Semiconductor (TI) LM4873 Datasheet HTML 3Page - National Semiconductor (TI) LM4873 Datasheet HTML 4Page - National Semiconductor (TI) LM4873 Datasheet HTML 5Page - National Semiconductor (TI) LM4873 Datasheet HTML 6Page - National Semiconductor (TI) LM4873 Datasheet HTML 7Page - National Semiconductor (TI) LM4873 Datasheet HTML 8Page - National Semiconductor (TI) LM4873 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Electrical Characteristics for Bridged-Mode Operation (Notes 3, 4) (Continued)
The following specifications apply for V
DD= 5V unless otherwise specified. Limits apply for TA= 25˚C.
Symbol
Parameter
Conditions
LM4873
Units
(Limits)
Typical
Limit
(Note
17)
(Note
18)
THD+N
Total Harmonic Distortion+Noise
20 Hz
≤ f ≤ 20 kHz, A
VD =2
LM4873MTE-1, R
L =4Ω,PO =2W
0.3
LM4873, R
L =8Ω,PO = 1W
0.3
%
PSRR
Power Supply Rejection Ratio
V
DD = 5V, VRIPPLE = 200 mVRMS,RL =8Ω,
C
B = 1.0 µF
67
dB
X
TALK
Channel Separation
f = 1 kHz, C
B = 1.0 µF
80
dB
SNR
Signal To Noise Ratio
V
DD = 5V, PO = 1.1W, RL =8Ω
97
dB
Electrical Characteristics for Single-Ended Operation (Notes 3, 4)
The following specifications apply for V
DD= 5V unless otherwise specified. Limits apply for TA= 25˚C.
Symbol
Parameter
Conditions
LM4873
Units
(Limits)
Typical
Limit
(Note
17)
(Note
18)
V
OS
Output Offset Voltage
V
IN = 0V
5
50
mV (max)
P
O
Output Power
THD = 0.5%, f = 1 kHz, R
L =32Ω
85
75
mW (min)
THD+N = 1%, f = 1 kHz, R
L =8Ω
340
mW
THD+N = 10%, f = 1 kHz, R
L =8Ω
440
mW
THD+N
Total Harmonic Distortion+Noise
A
V = −1, PO = 75 mW, 20 Hz ≤ f ≤ 20 kHz,
R
L =32Ω
0.2
%
PSRR
Power Supply Rejection Ratio
C
B = 1.0 µF, VRIPPLE = 200 mV RMS,
f=1 kHz
52
dB
X
TALK
Channel Separation
f = 1 kHz, C
B = 1.0 µF
60
dB
SNR
Signal To Noise Ratio
V
DD = 5V, PO = 340mW, RL =8Ω
94
dB
Note 3: All voltages are measured with respect to the ground pins, 2, 7, and 15, unless otherwise specified.
Note 4: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is func-
tional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which guar-
antee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit is
given, however, the typical value is a good indication of device performance.
Note 5: The
θJA given is for an MXA20A package whose exposed-DAP is soldered to an exposed 2in2 piece of 1 ounce printed circuit board copper.
Note 6: The
θJA given is for an MXA20A package whose exposed-DAP is soldered to an exposed 1in2 piece of 1 ounce printed circuit board copper.
Note 7: The
θJA given is for an MXA20A package whose exposed-DAP is not soldered to any copper.
Note 8: The
θJA given is for an MXA28A package whose exposed-DAP is soldered to an exposed 2in2 piece of 1 ounce printed circuit board copper.
Note 9: The
θJA given is for an MXA28A package whose exposed-DAP is soldered to an exposed 1in2 piece of 1 ounce printed circuit board copper.
Note 10: The
θJA given is for an MXA28A package whose exposed-DAP is not soldered to any copper.
Note 11: When driving 3
Ω loads from a 5V supply, the LM4873MTE or LM4873MTE-1 must be mounted to the circuit board and forced-air cooled (450 linear-feet
per minute).
Note 12: When driving 4
Ω loads from a 5V supply, the LM4873MTE or LM4873MTE-1 must be mounted to the circuit board.
Note 13: Output power is measured at the device terminals.
Note 14: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θ JA, and the ambient temperature TA. The maximum
allowable power dissipation is PDMAX =(TJMAX −T A)/θJA. For the LM4873, TJMAX = 150˚C. For the θJAs for different packages, please see the Application Informa-
tion section or the Absolute Maximum Ratings section.
Note 15: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 16: Machine model, 220 pF–240 pF discharged through all pins.
Note 17: Typicals are measured at 25˚C and represent the parametric norm.
Note 18: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 19: The quiescent power supply current depends on the offset voltage when a practical load is connected to the amplifier.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com