Electronic Components Datasheet Search
  English  ▼

X  

LM4873 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4873
Description  Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4873 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4873 Datasheet HTML 10Page - National Semiconductor (TI) LM4873 Datasheet HTML 11Page - National Semiconductor (TI) LM4873 Datasheet HTML 12Page - National Semiconductor (TI) LM4873 Datasheet HTML 13Page - National Semiconductor (TI) LM4873 Datasheet HTML 14Page - National Semiconductor (TI) LM4873 Datasheet HTML 15Page - National Semiconductor (TI) LM4873 Datasheet HTML 16Page - National Semiconductor (TI) LM4873 Datasheet HTML 17Page - National Semiconductor (TI) LM4873 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Application Information (Continued)
NO-LOAD DESIGN CONSIDERATIONS
If the outputs of the LM4873 have a load higher than 10k
Ω,
the LM4873 may show a small oscillation at high output lev-
els. To prevent this oscillation, place 5k
Ω resistors from the
power outputs to ground.
AUDIO POWER AMPLIFIER DESIGN
Design a 1W/8
Ω Bridged Audio Amplifier
Given:
Power Output:
1 Wrms
Load Impedance:
8
Ω
Input Level:
1 Vrms
Input Impedance:
20 k
Ω
Bandwidth:
100 Hz−20 kHz ± 0.25 dB
A designer must first determine the minimum supply rail to
obtain the specified output power. By extrapolating from the
Output Power vs Supply Voltage graphs in the Typical Per-
formance Characteristics section, the supply rail can be
easily found. A second way to determine the minimum sup-
ply rail is to calculate the required V
opeak using Equation 3
and add the dropout voltage. Using this method, the mini-
mum supply voltage would be (V
opeak +(2 * Vod)), where Vod
is extrapolated from the Dropout Voltage vs Supply Voltage
curve in the Typical Performance Characteristics section.
(4)
Using the Output Power vs Supply Voltage graph for an 8
Ω
load, the minimum supply rail is 3.9V. But since 5V is a stan-
dard supply voltage in most applications, it is chosen for the
supply rail. Extra supply voltage creates headroom that al-
lows the LM4873 to reproduce peaks in excess of 1W with-
out producing audible distortion. At this time, the designer
must make sure that the power supply choice along with the
output impedance does not violate the conditions explained
in the Power Dissipation section.
Once the power dissipation equations have been addressed,
the required differential gain can be determined from Equa-
tion 4.
(5)
R
f/R i =AVD/2
(6)
From equation 4, the minimum A
VD is 2.83;
use A
VD =3
Since the desired input impedance was 20 k
Ω, and with a
A
VD of 3, a ratio of 1.5:1 of Rf to Riresults in an allocation of
R
i =20 kΩ and R f =30 kΩ. The final design step is to ad-
dress the bandwidth requirements which must be stated as a
pair of −3 dB frequency points. Five times away from a pole
gives 0.17 dB down from passband response, which is better
than the required ±0.25 dB specified.
f
L = 100 Hz/5 = 20 Hz
f
H = 20 kHz x 5 = 100 kHz
As stated in the External Components section, R
i in con-
junction with C
i create a highpass filter.
C
i ≥ 1/(2π*20 kΩ*20 Hz) = 0.397 µF;
use 0.33 µF
The high frequency pole is determined by the product of the
desired high frequency pole, f
H, and the differential gain, A
VD
. With a A
VD = 3 and fH = 100 kHz, the resulting GBWP =
150 kHz which is much smaller than the LM4873 GBWP of
3.5 MHz. This figure displays that if a designer has a need to
design an amplifier with a higher differential gain, the
LM4873 can still be used without running into bandwidth
problems.
DEMOBOARD CIRCUIT LAYOUT
The demoboard circuit layout is provided here as an ex-
ample of a circuit using the LM4873. If an LM4873MTE is
used with this layout, the exposed-DAP is soldered down to
the copper pad beneath the part. Heat is conducted away
from the part by the two large copper pads in the upper cor-
ners of the demoboard.
This demoboard provides enough heat dissipation ability to
allow an LM4873MTE to output 1.9W into 4
Ω at 25˚C.
DS100993-93
Silk Screen Layer
DS100993-91
Component-side Copper Layers
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com