Electronic Components Datasheet Search
  English  ▼

X  

PLTB450B Datasheet(PDF) 1 Page - OSRAM GmbH

Part # PLTB450B
Description  Blaue Laser Diode 1.6 W in TO56 Bauform
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PLTB450B Datasheet(HTML) 1 Page - OSRAM GmbH

  PLTB450B Datasheet HTML 1Page - OSRAM GmbH PLTB450B Datasheet HTML 2Page - OSRAM GmbH PLTB450B Datasheet HTML 3Page - OSRAM GmbH PLTB450B Datasheet HTML 4Page - OSRAM GmbH PLTB450B Datasheet HTML 5Page - OSRAM GmbH PLTB450B Datasheet HTML 6Page - OSRAM GmbH PLTB450B Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PL TB450B PRELIMINARY
Blaue Laser Diode 1.6 W in TO56 Bauform
Blue Laser Diode 1.6 W in TO56 Package
2013-06-12
1
Besondere Merkmale
• Typ. Emissionswellenlänge 450nm
• Effiziente Strahlungsquelle für Dauerstrich- und
gepulsten Betriebsmodus
• TO56 Gehäuse
• ESD-Schutzdiode
• Laserdiode isoliert gegen Gehäuse
Anwendungen
•Projektion
• Messtechnik
• Bühnenbeleuchtung
Sicherheitshinweise
Je nach Betriebsart emittieren diese Bauteile
hochkonzentrierte,
sichtbare
Strahlung,
die
gefährlich für das menschliche Auge sein kann.
Produkte, die diese Bauteile enthalten, müssen
gemäß den Sicherheitsrichtlinien der IEC-Norm
60825-1 behandelt werden.
Features
• Typ. emission wavelength 450nm
• Efficient radiation source for cw and pulsed
operation
• TO56 package
• ESD protection diode
• Laser diode isolated against package
Applications
•Projection
•Metrology
• Stage lighting
Safety Advice
Depending on the mode of operation, these
devices emit highly concentrated visible light
which can be hazardous to the human eye.
Products which incorporate these devices have to
follow the safety precautions found in IEC 60825-1
“Safety of laser products”.


Similar Part No. - PLTB450B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PLT VISHAY-PLT Datasheet
118Kb / 3P
Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance
22-Apr-15
logo
Radiometrix Ltd
PLT RADIOMETRIX-PLT Datasheet
459Kb / 12P
NBFM Multi channel Data Packet Link Radios
logo
Vishay Siliconix
PLT VISHAY-PLT Datasheet
124Kb / 3P
Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance
18-Oct-2019
logo
Kemet Corporation
PLT-01 KEMET-PLT-01 Datasheet
827Kb / 2P
Transformer/CMC for PLC
PLT-02 KEMET-PLT-02 Datasheet
826Kb / 2P
Transformer for PLC
More results

Similar Description - PLTB450B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLCG81-2S OSRAM-SPLCG81-2S Datasheet
186Kb / 7P
Laser Diode in offener Bauform 2.0 W cw (C-Mount)
SPLCG94-2S OSRAM-SPLCG94-2S Datasheet
186Kb / 7P
Laser Diode in offener Bauform 2.0 W cw (C-Mount)
SPLCG98 OSRAM-SPLCG98 Datasheet
187Kb / 7P
Laser Diode in offener Bauform 2.0 W cw (C-Mount)
SPLCG65 OSRAM-SPLCG65 Datasheet
180Kb / 7P
Rote Laser Diode in offener Bauform 0.5 W cw
PLT5510 OSRAM-PLT5510 Datasheet
252Kb / 7P
Green Laser Diode in TO56 Package
PLT5520-B1-2-3 OSRAM-PLT5520-B1-2-3 Datasheet
408Kb / 9P
Green Laser Diode in TO56 Package
SPLTR85 OSRAM-SPLTR85 Datasheet
342Kb / 9P
Infrared Laser Diode in TO56 Package
PLT5-520 OSRAM-PLT5-520 Datasheet
396Kb / 10P
Green Laser Diode in TO56 Package
logo
ams AG
SPLTR85 AMSCO-SPLTR85 Datasheet
1Mb / 13P
Metal Can® TO56 Infrared Laser Diode in TO56 Package
Version 0.2 2018-11-26
logo
OSRAM GmbH
SPLTR85 OSRAM-SPLTR85_V01 Datasheet
1Mb / 13P
Infrared Laser Diode in TO56 Package
Version 0.2 - 2018-11-26
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com