Electronic Components Datasheet Search
  English  ▼

X  

PLTB450B Datasheet(PDF) 3 Page - OSRAM GmbH

Part # PLTB450B
Description  Blaue Laser Diode 1.6 W in TO56 Bauform
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PLTB450B Datasheet(HTML) 3 Page - OSRAM GmbH

  PLTB450B Datasheet HTML 1Page - OSRAM GmbH PLTB450B Datasheet HTML 2Page - OSRAM GmbH PLTB450B Datasheet HTML 3Page - OSRAM GmbH PLTB450B Datasheet HTML 4Page - OSRAM GmbH PLTB450B Datasheet HTML 5Page - OSRAM GmbH PLTB450B Datasheet HTML 6Page - OSRAM GmbH PLTB450B Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Laserkennwerte (
T
Gehäuse = 25 C)
Laser Characteristics (
T
case = 25 C)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Values
Einheit
Unit
min.
typ.
max.
Emissionswellenlänge1)
1)
Standardbetriebsbedingungen beziehen sich auf Pop = 1.6 W Ausgangsleistung.
Standard operating conditions refer for to an output power of Pop = 1.6 W.
Emission Wavelength1)
peak
440
450
460
nm
Schwellstrom
Threshold Current
I
th
–
0.2
0.3
A
Optische Ausgangsleistung (If = 1.2 A)
Optical output power (If = 1.2 A)
P
op
1.3
1.6
–
W
Betriebsstrom (Pop = 1.6 W)
Operating Current (Pop = 1.6 W)
I
F
–
1.2
1.5
A
Betriebsspannung (Pop = 1.6 W)
Operating Voltage (Pop = 1.6 W)
V
F
–
4.8
6.0
V
Strahldivergenz (FWHM)
Beam Divergence (FWHM)

–
7
–
deg
Strahldivergenz (FWHM)
Beam Divergence (FWHM)
19
23
27
deg
Polarisation Verhältnis1)
Polarization Ratio1)
PR
–
100:1
–
TE:TM
Thermischer Widerstand
(pn-Übergang zu Gehäuse)
Thermal resistance (junction to case)
R
th
–
15
–
K/W
PL TB450B - PRELIMINARY
2013-06-12
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com