Electronic Components Datasheet Search
  English  ▼

X  

IR2167 Datasheet(PDF) 5 Page - International Rectifier

Part # IR2167
Description  PFC BALLAST CONTROL IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2167 Datasheet(HTML) 5 Page - International Rectifier

  IR2167 Datasheet HTML 1Page - International Rectifier IR2167 Datasheet HTML 2Page - International Rectifier IR2167 Datasheet HTML 3Page - International Rectifier IR2167 Datasheet HTML 4Page - International Rectifier IR2167 Datasheet HTML 5Page - International Rectifier IR2167 Datasheet HTML 6Page - International Rectifier IR2167 Datasheet HTML 7Page - International Rectifier IR2167 Datasheet HTML 8Page - International Rectifier IR2167 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
IR2167(S)
www.irf.com
5
Note 4:
When the IC senses an overtemperature condition (Tj > 160ºC), the IC is latched off. In order to reset this
Fault Latch, the SD lead must be cycled high and then low, or the VCC supply to the IC must be cycled below
the falling undervoltage lockout threshold (VCCUV-).
Electrical Characteristics (cont.)
VCC = VBS = VBIAS = 14V +/- 0.25V, RT = 16.9kΩ, CT = 470 pF, RPH and RUN leads no connection, VCPH = 0.0V,
RDT = 6.1kΩ, ROC = 20.0kΩ, VCS = 0.5V, VSD = 2.0V, CL = 1000pF, TA = 25
oC unless otherwise specified.
RPH
Characteristics
Symbol Definition
Min.
Typ.
Max.
Units
Test Conditions
IRPHLK
Open circuit RPH lead leakage current
—
0.1
—
µA
VRPH =5V,VRPH =6V
RUN
Characteristics
Symbol Definition
Min.
Typ.
Max.
Units
Test Conditions
IRUNLK
Open circuit RUN lead leakage current
—
0.1
—
µA
VRUN = 5V
Protection Circuitry Characteristics
Symbol Definition
Min.
Typ.
Max.
Units
Test Conditions
VSDTH+
Rising shutdown lead threshold voltage
4.8
5.25
5.4
V
VSDHYS
Shutdown lead threshold hysteresis
300
150
100
mV
VSDEOL+ Rising shutdown lead end-of-life threshold
2.6
3.0
3.4
voltage
VSDEOL-
Falling shutdown lead end-of-life threshold
0.7
1.0
1.3
voltage
VCSTH+
Over-current sense threshold voltage
1.05
1.2
1.35
VCSTH-
Under-current sense threshold voltage
0.14
0.23
0.28
TCS
Over-current sense propogation delay
50
350
550
nsec
Delay from CS to LO
VVDC+
Low VBUS/rectified line input upper threshold
4.8
5.2
5.7
VVDC-
Low VBUS/rectified line input lower threshold
2.7
3.1
3.5
TSD
Thermal shutdown junction temperature
—
160
—
oC
Note 4
V
V
Gate Driver Output Characteristics
Symbol Definition
Min.
Typ.
Max.
Units
Test Conditions
VOL
Low level output voltage (PFC, LO or HO)
—
0
100
Io = 0
VOH
High level output voltage (PFC, LO or HO)
—
0
100
VBIAS - VO, Io = 0
tr
Turn-on rise time (PFC, LO or HO)
50
85
200
tf
Turn-off fall time (PFC, LO or HO)
25
45
100
mV
nsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com