Electronic Components Datasheet Search
  English  ▼

X  

IR2167 Datasheet(PDF) 16 Page - International Rectifier

Part # IR2167
Description  PFC BALLAST CONTROL IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2167 Datasheet(HTML) 16 Page - International Rectifier

Back Button IR2167 Datasheet HTML 12Page - International Rectifier IR2167 Datasheet HTML 13Page - International Rectifier IR2167 Datasheet HTML 14Page - International Rectifier IR2167 Datasheet HTML 15Page - International Rectifier IR2167 Datasheet HTML 16Page - International Rectifier IR2167 Datasheet HTML 17Page - International Rectifier IR2167 Datasheet HTML 18Page - International Rectifier IR2167 Datasheet HTML 19Page - International Rectifier IR2167 Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
IR2167(S)
16
www.irf.com
is available over all ballast operating conditions. Bootstrap
diode (DBS) and supply capacitor (CBS) comprise the supply
voltage for the high-side driver circuitry. To guarantee that
the high-side supply is charged up before the first pulse on
HO, the first pulse from the output drivers comes from the
LO pin.
The Preheat mode oscillation frequency of the half-bridge
output is determined by the parallel combination of RPH and
RT with the values of CT, RDT and an internal circuit as
shown in Figure 3. Note that at the onset of Preheat mode
the initial startup frequency is much higher than the preheat
frequency. The half-bridge output frequency then ramps
down from this initial start-up frequency to the Preheat mode
frequency. This is to ensure that the instantaneous voltage
across the lamp during the first few cycles of operation does
not exceed the strike potential of the lamp
Ignition Mode
When the CPH pin charges up to 4.0V, ignition mode be-
gins. At this time, the output of COMP2 (figure 3) goes low,
2
4.0V
5.1V
3
5
9.5V
3.0uA
4
2.0V
I
RT
6
I
CT = IRT
7
4.0V
2.0V
CPH
RPH
RT
RUN
CT
DT
Q
S
R2 Q
R1
QUICK
RESTART
LOGIC
C
RAMP
C
PH
RT
CT
R
RUN
R
PH
R
DT
Fault signal
COMP1
COMP2
M1
M2
Figure 3: Oscillator section block diagram with external component connection
M1 turns off and CRAMP begins to charge. CRAMP deter-
mines the time it takes for the oscillator to ramp down from
the Preheat frequency to the Ignition Mode frequency. Once
the voltage on the RPH lead reaches 2.0V, external resistor
RPH has no effect on the frequency that is now determined
by external components RT, CT and RDT. This is the mini-
mum frequency. By this time, the oscillator will have ramped
down toward the resonance of the load circuit causing the
lamp to ignite.
Run Mode
When the voltage on the CPH pin reaches 5.1V, the IC en-
ters Run mode. At this time, the output of COMP1 (figure 3)
goes high which turns M2 on and pulls the RUN pin to COM.
The frequency is now controlled by external components RT,
RRUN, CT and RDT. In certain cases it is necessary to have
the run frequency higher than the ignition frequency to con-
trol the power used by the load. Figure 4 shows the ballast
control sequence explained in the previous paragraphs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com