Electronic Components Datasheet Search
  English  ▼

X  

IR2167 Datasheet(PDF) 9 Page - International Rectifier

Part # IR2167
Description  PFC BALLAST CONTROL IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2167 Datasheet(HTML) 9 Page - International Rectifier

Back Button IR2167 Datasheet HTML 5Page - International Rectifier IR2167 Datasheet HTML 6Page - International Rectifier IR2167 Datasheet HTML 7Page - International Rectifier IR2167 Datasheet HTML 8Page - International Rectifier IR2167 Datasheet HTML 9Page - International Rectifier IR2167 Datasheet HTML 10Page - International Rectifier IR2167 Datasheet HTML 11Page - International Rectifier IR2167 Datasheet HTML 12Page - International Rectifier IR2167 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
IR2167(S)
www.irf.com
9
BALLAST CONTROL SECTION
TIMING DIAGRAMS
NORMAL OPERATION
CS
PH
RUN
UVLO
UVLO
Over-Current Threshold
CT
LO
CS
HO
CT
LO
CS
HO
CT
LO
CS
HO
V
CC
UVLO+
15.6V
UVLO-
V
CPH
4.0V
7.6V
5.1V
HO
LO
V
RPH
2.0V
V
RUN
2.0V
f
START
f
PREHEAT
f
MIN
f
RUN
FREQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com