Electronic Components Datasheet Search
  English  ▼

X  

BCP56 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BCP56
Description  NPN Silicon Epitaxial Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCP56 Datasheet(HTML) 2 Page - ON Semiconductor

  BCP56 Datasheet HTML 1Page - ON Semiconductor BCP56 Datasheet HTML 2Page - ON Semiconductor BCP56 Datasheet HTML 3Page - ON Semiconductor BCP56 Datasheet HTML 4Page - ON Semiconductor BCP56 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BCP56 Series
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristics
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
V(BR)CBO
100
−
−
Vdc
Collector−Emitter Breakdown Voltage
(IC = 1.0 mAdc, IB = 0)
V(BR)CEO
80
−
−
Vdc
Emitter−Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
5.0
−
−
Vdc
Collector−Base Cutoff Current
(VCB = 30 Vdc, IE = 0)
ICBO
−
−
100
nAdc
Emitter−Base Cutoff Current
(VEB = 5.0 Vdc, IC = 0)
IEBO
−
−
10
mAdc
ON CHARACTERISTICS (Note 2)
DC Current Gain
(IC = 5.0 mA, VCE = 2.0 V)
All Part Types
(IC = 150 mA, VCE = 2.0 V)
BCP56
BCP56−10
BCP56−16
(IC = 500 mA, VCE = 2.0 V)
All Types
hFE
25
40
63
100
25
−
−
−
−
−
−
250
160
250
−
−
Collector−Emitter Saturation Voltage
(IC = 500 mAdc, IB = 50 mAdc)
VCE(sat)
−
−
0.5
Vdc
Base−Emitter On Voltage
(IC = 500 mAdc, VCE = 2.0 Vdc)
VBE(on)
−
−
1.0
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 10 mAdc, VCE = 5.0 Vdc, f = 35 MHz)
fT
−
130
−
MHz
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%
ORDERING INFORMATION
Device
Marking
Package
Shipping†
BCP56T1G
BH
SOT−223
(Pb−Free)
1000 / Tape & Reel
SBCP56T1G*
BCP56T3G
BH
SOT−223
(Pb−Free)
4000 / Tape & Reel
SBCP56T3G*
BCP56−10T1G
BH−10
SOT−223
(Pb−Free)
1000 / Tape & Reel
SBCP56−10T1G*
BCP56−10T3G
BH−10
SOT−223
(Pb−Free)
4000 / Tape & Reel
NSVBCP56−10T3G*
BCP56−16T1G
BH−16
SOT−223
(Pb−Free)
1000 / Tape & Reel
SBCP56−16T1G*
BCP56−16T3G
BH−16
SOT−223
(Pb−Free)
4000 / Tape & Reel
SBCP56−16T3G*
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*S and NSV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com