Electronic Components Datasheet Search
  English  ▼

X  

BCP56 Datasheet(PDF) 4 Page - ON Semiconductor

Part # BCP56
Description  NPN Silicon Epitaxial Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCP56 Datasheet(HTML) 4 Page - ON Semiconductor

  BCP56 Datasheet HTML 1Page - ON Semiconductor BCP56 Datasheet HTML 2Page - ON Semiconductor BCP56 Datasheet HTML 3Page - ON Semiconductor BCP56 Datasheet HTML 4Page - ON Semiconductor BCP56 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BCP56 Series
www.onsemi.com
4
TYPICAL ELECTRICAL CHARACTERISTICS
1.0
0.8
0.6
0.4
0.2
0
IB, BASE CURRENT (mA)
0.05
0.1
0.2
0.5
2.0
5.0
10
20
50
1.0
50
mA
100mA
TJ = 25°C
250mA
500mA
IC = 10mA
Figure 6. Base Emitter Voltage vs. Collector
Current
IC, COLLECTOR CURRENT (A)
1
0.1
0.01
0.001
0.2
0.3
0.4
0.6
0.8
0.9
1.1
1.2
0.5
0.7
1.0
VCE = 2 V
150
°C
25
°C
−55
°C
Figure 7. Collector Saturation Region
TA, AMBIENT TEMPERATURE (°C)
Figure 8. Safe Operating Area
1.6
0.8
0.0
100
20
0160
120
40
140
60
80
1.0
0.2
1.2
0.4
1.4
0.6
Figure 9. Power Derating Curve
VCE, COLLECTOR EMITTER VOLTAGE (V)
100
10
1
0.1
0.01
1
0.1
100 mS
10 mS
1 mS
1 S



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com