Electronic Components Datasheet Search
  English  ▼

X  

BCP56 Datasheet(PDF) 3 Page - ON Semiconductor

Part # BCP56
Description  NPN Silicon Epitaxial Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCP56 Datasheet(HTML) 3 Page - ON Semiconductor

  BCP56 Datasheet HTML 1Page - ON Semiconductor BCP56 Datasheet HTML 2Page - ON Semiconductor BCP56 Datasheet HTML 3Page - ON Semiconductor BCP56 Datasheet HTML 4Page - ON Semiconductor BCP56 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BCP56 Series
www.onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
100
10
1000
100
10
0.1
IC, COLLECTOR CURRENT (mA)
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 2. Current−Gain − Bandwidth Product
1000
100
10
100
10
1.0
1000
80
60
40
20
10
8.0
6.0
4.0
VR, REVERSE VOLTAGE (VOLTS)
Figure 3. Capacitance
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
Figure 4. Collector Emitter Saturation Voltage
vs. Collector Current
Figure 5. Base Emitter Saturation Voltage vs.
Collector Current
TA = 150°C
25
°C
-55
°C
TJ = 25°C
Cibo
Cobo
1000
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
1
0.1
0.01
0.001
0.01
0.1
1
1
0.1
0.01
0.001
0.2
0.3
0.4
0.6
0.8
0.9
1.1
1.2
IC/IB = 10
150
°C
25
°C
−55
°C
0.5
0.7
1.0
IC/IB = 10
150
°C
25
°C
−55
°C
1
VCE = 2 V
125
°C
- 65
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com