Electronic Components Datasheet Search
  English  ▼

X  

MJD148 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJD148
Description  NPN Silicon Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD148 Datasheet(HTML) 2 Page - ON Semiconductor

  MJD148 Datasheet HTML 1Page - ON Semiconductor MJD148 Datasheet HTML 2Page - ON Semiconductor MJD148 Datasheet HTML 3Page - ON Semiconductor MJD148 Datasheet HTML 4Page - ON Semiconductor MJD148 Datasheet HTML 5Page - ON Semiconductor MJD148 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJD148
www.onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
6.25
°C/W
Thermal Resistance, Junction−to−Ambient (Note 2)
RqJA
71.4
°C/W
2. These ratings are applicable when surface mounted on the minimum pad sizes recommended.
ELECTRICAL CHARACTERISTICS (TC = 25°C, unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 3)
(IC = 100 mAdc, IB = 0)
VCEO(sus)
45
−
Vdc
Collector Cutoff Current
(VCB = 45 Vdc, IE = 0)
ICBO
−
20
mAdc
Emitter Cutoff Current
(VBE = 5 Vdc, IC = 0)
IEBO
−
1
mAdc
ON CHARACTERISTICS (Note 3)
DC Current Gain
(IC = 10 mAdc, VCE = 5 Vdc)
(IC = 0.5 Adc, VCE = 1 Vdc)
(IC = 2 Adc, VCE = 1 Vdc)
(IC = 3 Adc, VCE = 1 Vdc)
hFE
40
85
50
30
−
375
−
−
−
Collector−Emitter Saturation Voltage
(IC = 2 Adc, IB = 0.2 Adc)
VCE(sat)
−
0.5
Vdc
Base−Emitter On Voltage
(IC = 2 Adc, VCE = 1 Vdc)
VBE(on)
−
1.1
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain−Bandwidth Product
(IC = 250 mAdc, VCE = 1 Vdc, f = 1 MHz)
fT
3
−
MHz
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com