Electronic Components Datasheet Search
  English  ▼

X  

MJD148 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJD148
Description  NPN Silicon Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD148 Datasheet(HTML) 4 Page - ON Semiconductor

  MJD148 Datasheet HTML 1Page - ON Semiconductor MJD148 Datasheet HTML 2Page - ON Semiconductor MJD148 Datasheet HTML 3Page - ON Semiconductor MJD148 Datasheet HTML 4Page - ON Semiconductor MJD148 Datasheet HTML 5Page - ON Semiconductor MJD148 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MJD148
www.onsemi.com
4
Figure 6. Collector Emitter Saturation Voltage
vs. Collector Current
IC, COLLECTOR CURRENT (A)
Figure 7. Temperature Coefficients
+ 2.5
IC, COLLECTOR CURRENT (A)
0.005
0.01 0.02 0.030.05
0.1
0.5
1
0.20.3
2
3
+2
+ 1.5
+1
0
− 0.5
−1
− 1.5
−2
+ 0.5
− 2.5
*APPLIES FOR IC/IB ≤ hFE/2
*TJ = − 65°C to + 150°C
*
qV for VCE(sat)
qV for VBE
4
0.001
0.01
0.1
1
10
IC/IB = 10
150
°C
TA = −55°C
25
°C
0
0.15
0.5
0.3
100
°C
0.0001
0.00001
0.000001
0.5
0.2
0.35
0.1
0.25
0.4
0.45
103
− 0.4
Figure 8. Collector Cut−Off Region
VBE, BASE−EMITTER VOLTAGE (V)
101
10−3
102
100
10−1
10−2
− 0.3 − 0.2 − 0.1
0
+ 0.1 + 0.2 + 0.3 + 0.4 + 0.5 + 0.6
REVERSE
FORWARD
TJ = 150°C
VCE = 30 V
100
°C
25
°C
ICES
Figure 9. Thermal Response
t, TIME (ms)
1
0.01
0.01
0.5
0.2
0.1
0.05
0.02
0.05
1
2
5
10
20
50
100
200
1 k
500
ZqJC(t) = r(t) RqJC
RqJC = 6.25°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) ZqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.05
0.01
SINGLE PULSE
0.1
0.7
0.3
0.07
0.03
0.02
0.1
0.5
0.2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com