Electronic Components Datasheet Search
  English  ▼

X  

MJD148 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJD148
Description  NPN Silicon Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD148 Datasheet(HTML) 3 Page - ON Semiconductor

  MJD148 Datasheet HTML 1Page - ON Semiconductor MJD148 Datasheet HTML 2Page - ON Semiconductor MJD148 Datasheet HTML 3Page - ON Semiconductor MJD148 Datasheet HTML 4Page - ON Semiconductor MJD148 Datasheet HTML 5Page - ON Semiconductor MJD148 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJD148
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (A)
0.001
0.01
0.1
1
10
VCE = 1 V
150
°C
−55
°C
25
°C
10
100
10000
1000
100
°C
Figure 2. DC Current Gain
IC, COLLECTOR CURRENT (A)
0.001
0.01
0.1
1
10
VCE = 10 V
150
°C
−55
°C
25
°C
10
100
10000
1000
100
°C
Figure 3. Collector Saturation Region
IB, BASE CURRENT (mA)
2
0
0.05
1.6
1.2
0.1
1
2
3
5
10
20
30
500
0.8
0.4
0.07
0.2
0.5
0.3
TJ = 25°C
IC = 10 mA
0.7
7
50
70 100
200 300
100 mA
1 A
3 A
Figure 4. Base Emitter Voltage vs. Collector
Current
Figure 5. Base Emitter Saturation Voltage vs.
Collector Current
IC, COLLECTOR CURRENT (A)
0.001
0.01
0.1
1
10
IC/IB = 10
150
°C
TA = −55°C
25
°C
0
0.6
1.2
100
°C
0.0001
0.00001
0.000001
0.2
0.8
0.4
1.0
IC, COLLECTOR CURRENT (A)
0.001
0.01
0.1
1
10
VCE = 2 V
150
°C
TA = −55°C
25
°C
0
0.6
1.2
100
°C
0.0001
0.00001
0.2
0.8
0.4
1.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com