Electronic Components Datasheet Search
  English  ▼

X  

MKT372 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MKT372
Description  Metallized polyester film capacitors
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MKT372 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MKT372 Datasheet HTML 9Page - NXP Semiconductors MKT372 Datasheet HTML 10Page - NXP Semiconductors MKT372 Datasheet HTML 11Page - NXP Semiconductors MKT372 Datasheet HTML 12Page - NXP Semiconductors MKT372 Datasheet HTML 13Page - NXP Semiconductors MKT372 Datasheet HTML 14Page - NXP Semiconductors MKT372 Datasheet HTML 15Page - NXP Semiconductors MKT372 Datasheet HTML 16Page - NXP Semiconductors MKT372 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
2001 Jun 22
13
BCcomponents
Product specification
Metallized polyester film capacitors
MKT 371
MKT 371 GENERAL DATA
PITCH 7.5 mm
Specific reference data for the 63 V DC capacitors
Available 63 V DC versions
DESCRIPTION
VALUE
Tangent of loss angle:
at 1 kHz
at 10 kHz
at 100 kHz
C
≤ 0.1 µF
≤75 × 10−4
≤130 × 10−4
≤250 × 10−4
0.1
µF < C ≤ 0.47 µF
≤75 × 10−4
≤130 × 10−4
≤300 × 10−4
0.47
µF < C ≤ 1.0 µF
≤75 × 10−4
≤130 × 10−4
−
Rated voltage pulse slope (dU/dt)R at 63 V (DC)
18 V/
µs
R between leads, for C
≤ 0.33 µF at 10 V; 1 minute
>15000 MΩ
RC between leads, for C
> 0.33 µF at 10 V; 1 minute
>5000 s
R between interconnected leads and case (foil method)
>30000 MΩ
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s
100 V; 1 minute
Withstanding (DC) voltage between leads and case
200 V; 1 minute
PACKAGING
DIMENSIONS
C-tol
FIRST 9 DIGITS OF
CATALOGUE NUMBER
ORDERING
Loose in box
lt = 4.0 +1.0/−0.5 mm
±10%
2222 371 11...
preferred
±5%
2222 371 12...
preferred
Ammopack
H
= 18.5 mm; P0 = 12.7 mm
±10%
2222 371 38...
preferred
±5%
2222 371 39...
preferred
Loose in box
lt = 26.0 ±2.0 mm
±10%
2222 371 15...
on request
±5%
2222 371 16...
on request
Taped on reel
H
= 18.5 mm; P0 = 12.7 mm
±10%
2222 371 35...
on request
±5%
2222 371 36...
on request
296x12(full_width)
CBA113
l
h
lt
b
Ødt
P
Fig.8 Outline.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com