Electronic Components Datasheet Search
  English  ▼

X  

MKT372 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # MKT372
Description  Metallized polyester film capacitors
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MKT372 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button MKT372 Datasheet HTML 35Page - NXP Semiconductors MKT372 Datasheet HTML 36Page - NXP Semiconductors MKT372 Datasheet HTML 37Page - NXP Semiconductors MKT372 Datasheet HTML 38Page - NXP Semiconductors MKT372 Datasheet HTML 39Page - NXP Semiconductors MKT372 Datasheet HTML 40Page - NXP Semiconductors MKT372 Datasheet HTML 41Page - NXP Semiconductors MKT372 Datasheet HTML 42Page - NXP Semiconductors MKT372 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
2001 Jun 22
39
BCcomponents
Product specification
Metallized polyester film capacitors
MKT 370/371/372/373
MKT 373 GENERAL DATA
PITCH 15/22.5/27.5 mm (STANDARD SIZE)
Specific reference data for the 250 V DC capacitors
Available 250 V DC versions
Note
1. Taped on reel pitch = 27.5 mm is not available.
DESCRIPTION
VALUE
Tangent of loss angle:
at 1 kHz
at 10 kHz
at 100 kHz
0.15
µF < C ≤ 0.47 µF
≤75 × 10−4
≤130 × 10−4
≤300 × 10−4
0.47
µF < C ≤ 1.0 µF
≤75 × 10−4
≤130 × 10−4
−
1.0
µF < C ≤ 4.7 µF
≤75 × 10−4
≤150 × 10−4
−
Rated voltage pulse slope (dU/dt)R at 250 V (DC):
P
= 15 mm
16 V/
µs
P
= 22.5 mm
7V/
µs
P
= 27.5 mm
6V/
µs
R between leads, for C
≤ 0.33 µF at 100 V; 1 minute
>30000 MΩ
RC between leads, for C
> 0.33 µF at 100 V; 1 minute
>10000 s
R between interconnected leads and case (foil method)
>30000 MΩ
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s
400 V; 1 minute
Withstanding (DC) voltage between leads and case
500 V; 1 minute
PACKAGING(1)
DIMENSIONS
C-tol
FIRST 9 DIGITS OF
CATALOGUE NUMBER
ORDERING
Loose in box
lt = 5.0 ± 1.0 mm
±10%
2222 373 41...
on request
±5%
2222 373 42...
on request
Taped on reel
H
= 18.5 mm; P0 = 12.7 mm
±10%
2222 373 45...
on request
±5%
2222 373 46...
on request
Fig.21 Outline.
296x12(full_width)
l
b
h
lt
Ødt
P
CBA115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com