Electronic Components Datasheet Search
  English  ▼

X  

MKT372 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MKT372
Description  Metallized polyester film capacitors
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MKT372 Datasheet(HTML) 4 Page - NXP Semiconductors

  MKT372 Datasheet HTML 1Page - NXP Semiconductors MKT372 Datasheet HTML 2Page - NXP Semiconductors MKT372 Datasheet HTML 3Page - NXP Semiconductors MKT372 Datasheet HTML 4Page - NXP Semiconductors MKT372 Datasheet HTML 5Page - NXP Semiconductors MKT372 Datasheet HTML 6Page - NXP Semiconductors MKT372 Datasheet HTML 7Page - NXP Semiconductors MKT372 Datasheet HTML 8Page - NXP Semiconductors MKT372 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 74 page
background image
2001 Jun 22
4
BCcomponents
Product specification
Metallized polyester film capacitors
MKT 371/372/373
TYPE
PACKAGING
LEAD CONFIGURATION
PREFERRED TYPES
C-TOL
63 V
100 V
250 V
400 V
630 V
371
loose in box
lead length 4.0 mm
±10%
11
21
41
51
−
±5%
12
22
42
52
−
ammopack
±10%
38
68
78
88
−
±5%
39
69
79
89
−
372
loose in box
lead length 4.0 mm
±10%
−
21
41
51
61
373
loose in box
lead length 5.0 mm
±10%
−
23
43
53
63
ON REQUEST
371
loose in box
lead length 26.0 mm
±10%
15
25
45
55
−
±5%
16
26
46
56
−
taped on reel
±10%
35
65
75
85
−
±5%
36
66
76
86
−
372
loose in box
lead length 4.0 mm
±5%
−
22
42
52
62
taped on reel
±10%
−
25
45
55
65
±5%
−
26
46
56
66
ammopack
±10%
−
28
48
58
68
±5%
−
29
49
59
69
373
loose in box
lead length 5.0 mm
±5%
−
24
44
54
64
taped on reel
±10%
−
27
47
57
67
±5%
−
28
48
58
68
2222
37.
XX
XX X
TYPE AND PITCHES
371
7.5 mm
372
10.0 mm
373
15.0 mm
22.5 mm
27.5 mm
MULTIPLIER
(nF)
0.1
2
1
3
10
4
100
5
CAPACITANCE
(numerically)
Example:
104
= 10 x 10 = 100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com