Electronic Components Datasheet Search
  English  ▼

X  

P89010 Datasheet(PDF) 14 Page - Aplus Intergrated Circuits

Part # P89010
Description  VOICE OTP IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

P89010 Datasheet(HTML) 14 Page - Aplus Intergrated Circuits

Back Button P89010 Datasheet HTML 10Page - Aplus Intergrated Circuits P89010 Datasheet HTML 11Page - Aplus Intergrated Circuits P89010 Datasheet HTML 12Page - Aplus Intergrated Circuits P89010 Datasheet HTML 13Page - Aplus Intergrated Circuits P89010 Datasheet HTML 14Page - Aplus Intergrated Circuits P89010 Datasheet HTML 15Page - Aplus Intergrated Circuits P89010 Datasheet HTML 16Page - Aplus Intergrated Circuits P89010 Datasheet HTML 17Page - Aplus Intergrated Circuits P89010 Datasheet HTML 18Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Integrated Circuits Inc.
aP89021/010
Ver 4.0
Aug 23, 2010
14
AC CHARACTERISTICS ( T
A = 0 to 70℃
℃
℃
℃, VDD = 3.3V, VSS = 0V, 8KHz sampling )
Symbol
Parameter
Min.
Typ.
Max.
Unit
Note
tKD
Key trigger debounce time
16
ms
1
tKD
Key trigger debounce time – retrigger
24
ms
1
tUP
Ramp up time
0
128/Fs
−−
s
3
tDN
Ramp down time
0
−−
256/Fs
s
3
tKDD
Key trigger delay after ramp down
−−
0
−−
ms
tSTPD
STOP pulse output delay time
256
µ
s
tSTPW
STOP pulse width
64
ms
1
tBD
BUSY signal output delay time
100
ns
tBH
BUSY signal output hold time
100
ns
tASH
Address set-up /hold time
100
ns
tSBTW
SBT stroke pulse width
16
ms
1
tLEDC
LED flash frequency
3
Hz
2
Notes : 1. This parameter is inversely proportional to the sampling frequency.
2. This parameter is proportional to the sampling frequency.
3. Fs is sampling frequency in Hz
S1~S4,
SBT
COUT
STOP
BUSY
tKD
tBH
tBD
tDN
tKDD
tUP
tSTPD
tSTPW
CPU Parallel Mode
SBT
tASH
Addr.
S1~S4
tASH
tSBTW
KEY Trigger Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com