Electronic Components Datasheet Search
  English  ▼

X  

P89010 Datasheet(PDF) 16 Page - Aplus Intergrated Circuits

Part # P89010
Description  VOICE OTP IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

P89010 Datasheet(HTML) 16 Page - Aplus Intergrated Circuits

Back Button P89010 Datasheet HTML 10Page - Aplus Intergrated Circuits P89010 Datasheet HTML 11Page - Aplus Intergrated Circuits P89010 Datasheet HTML 12Page - Aplus Intergrated Circuits P89010 Datasheet HTML 13Page - Aplus Intergrated Circuits P89010 Datasheet HTML 14Page - Aplus Intergrated Circuits P89010 Datasheet HTML 15Page - Aplus Intergrated Circuits P89010 Datasheet HTML 16Page - Aplus Intergrated Circuits P89010 Datasheet HTML 17Page - Aplus Intergrated Circuits P89010 Datasheet HTML 18Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Integrated Circuits Inc.
aP89021/010
Ver 4.0
Aug 23, 2010
16
TYPICAL APPLICATIONS
Key Trigger Mode
Fig. 12 Using 3.3V Battery
Fig. 13 Using 4.5V Battery
VDD,VPP
VSS
4.5V
RST
S1
S2
S3
S4
SBT
OS
0.1uF
C1
ROSC
T
COUT
8
1/4W
Speaker
8 / 16
Speaker
VOUT1
VOUT2
OUT1
HT7335
Output driving of HT LDO:
HT7136 (30mA, 3.6V)
HT7133 (30mA, 3.3V)
HT7536 (100mA, 3.6V)
HT7335 (250mA, 3.5V)
Rb
VDD,VPP
VSS
3.3V
RST
S1
S2
S3
S4
SBT
OS
0.1uF
C1
ROSC
T
COUT
Rb
8
1/4W
Speaker
8 / 16
Speaker
VOUT1
VOUT2
OUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com