Electronic Components Datasheet Search
  English  ▼

X  

6014CT Datasheet(PDF) 4 Page - Mallory performance club

Part # 6014CT
Description  MSD Circle Track LS Ignition Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6014CT Datasheet(HTML) 4 Page - Mallory performance club

  6014CT Datasheet HTML 1Page - Mallory performance club 6014CT Datasheet HTML 2Page - Mallory performance club 6014CT Datasheet HTML 3Page - Mallory performance club 6014CT Datasheet HTML 4Page - Mallory performance club 6014CT Datasheet HTML 5Page - Mallory performance club 6014CT Datasheet HTML 6Page - Mallory performance club 6014CT Datasheet HTML 7Page - Mallory performance club 6014CT Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
INSTALLATION INSTRUCTIONS
MSD • WWW .MSDPERFORMANCE.COM • (915) 855-7123 • F AX (915) 857-3344
USB
(MINI)
TO MAIN HARNESS
(POWER &COILS)
TO CAM/CRANK
HARNESS
TO RACE IGNITION
TEST TOOL
DIAGNOSTIC
CONNECTOR
CAP
DIAGNOSTIC
CONNECTOR
Figure 1 LS Ignition Controller, PN 6014CT
E
F
G
H
CYL 2-4-6-8
CAM/CRANK
CRANK
CAM
IGNITION (30A FUSED)
GROUND
COILS 1-3-5-7
COILS 2-4-6-8
CRANK
CAM/CRANK
CAM
CAM/CRANK
NOTE: CAM PLUGS DIRECTLY INTO SENSOR, NOT OEM PIGTAIL.
22791 - 24x CRANK CAM (REAR) - INCLUDED
BLACK CRANK SENSOR CONNECTOR
BLACK CAM SENSOR CONNECTOR
2278 - 58x CRANK/4x CAM (FRONT) - INCLUDED
GRAY CRANK SENSOR CONNECTOR
BLACK CAM SENSOR CONNECTOR
Figure 2 LS Ignition Controller Harnesses, PN 6014CT
Note: The PN 6014CT LS Ignition Controller requires a 30 Amp fused power source. Do not power
the unit directly through the ignition key switch.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com