Electronic Components Datasheet Search
  English  ▼

X  

6014CT Datasheet(PDF) 5 Page - Mallory performance club

Part # 6014CT
Description  MSD Circle Track LS Ignition Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6014CT Datasheet(HTML) 5 Page - Mallory performance club

  6014CT Datasheet HTML 1Page - Mallory performance club 6014CT Datasheet HTML 2Page - Mallory performance club 6014CT Datasheet HTML 3Page - Mallory performance club 6014CT Datasheet HTML 4Page - Mallory performance club 6014CT Datasheet HTML 5Page - Mallory performance club 6014CT Datasheet HTML 6Page - Mallory performance club 6014CT Datasheet HTML 7Page - Mallory performance club 6014CT Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
INSTALLATION INSTRUCTIONS
5
MSD • WWW .MSDPERFORMANCE.COM • (915) 855-7123 • F AX (915) 857-3344
30
85
86
87a
87
RELAY - 30A MINIMUM RATING
GROUND
FUSED (30A)
BATTERY
KEYED 12V
TO 6014CT IGNITION WIRE (RED)
30
Figure 3 Recommended Relay Set-Up for supplying MaiN 12V Power
RACE IGNITION TOOL
The MSD Racing Ignition Test Tool, (PN 89973) was developed
to help sanctioning bodies verify the compliance/configuration
of MSD products. The Test Tool communicates with MSD
products via the Diagnostic Connector.
MSD products that are compatible with the Test Tool will have a
dedicated tab in the MSDView software named "REGULATED".
Any unit can be configured as a MASTER unit, The Test Tool can
then be connected to the MASTER unit and the REGULATED
parameters synced to the MASTER configuration in the tool,
The Test Tool with the MASTER configuration can then be used
to verify the compliance of units in the field.
MOUNTING
PN 6014 CT LS Ignition Controller must be mounted in a sturdy,
dry location and not exposed to extreme heat. It should be
mounted using the included rubber isolators to protect it from
excessive vibration. The unit is fully potted, but should not be immersed or subjected to direct spray
from a power washer.
MSDVIEW
The MSDView software allows calibration of control parameters such as ignition timing, rev limiter and
also live monitoring of engine. The following information gives a brief explanation of each function or
feature in the system and the settings that control them. While using the software, you can mouse
over each item for a brief on-screen explanation.
Note: Make sure MSDView is installed on the PC prior to connecting the Circle Track LS Ignition
Controller.
Figure 4 PN 89973 Race Ignition Test Tool



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com