Electronic Components Datasheet Search
  English  ▼

X  

6014CT Datasheet(PDF) 7 Page - Mallory performance club

Part # 6014CT
Description  MSD Circle Track LS Ignition Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6014CT Datasheet(HTML) 7 Page - Mallory performance club

  6014CT Datasheet HTML 1Page - Mallory performance club 6014CT Datasheet HTML 2Page - Mallory performance club 6014CT Datasheet HTML 3Page - Mallory performance club 6014CT Datasheet HTML 4Page - Mallory performance club 6014CT Datasheet HTML 5Page - Mallory performance club 6014CT Datasheet HTML 6Page - Mallory performance club 6014CT Datasheet HTML 7Page - Mallory performance club 6014CT Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
INSTALLATION INSTRUCTIONS
7
MSD • WWW .MSDPERFORMANCE.COM • (915) 855-7123 • F AX (915) 857-3344
Figure 5 Custom Timing Table 1
MONITORS
MONITORS
Description
ENGINE SPEED
Engine speed in RPM
IGNITION TIMING
Ignition timing referenced to Top Dead Center (TDC)
IGNITION VOLTAGE
This is the voltage being supplied to the unit. This is also the voltage
being supplied to the coils - so it is important that it remains over 12V to
ensure optimum engine performance.
REV LIMITER SOURCE
Indicates which source will be limiting the motor. It will be "Key Off" when
connected via USB, or "Maximum" any other time.
ALERTS
FAULTS
Description/Cause
BATTERY
Activates if voltage drops below 9V or goes above 18V
CAM FAULT
RPM is detected, but no cam sensor signal is present
CRANK FAULT
Camshaft sensor signal is present, but no engine speed is detected via
the crankshaft sensor.
EEPROM READ ERROR
EEPROM data corrupted
EEPROM WRITE ERROR
Error writing to EEPROM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com