Electronic Components Datasheet Search
  English  ▼

X  

STK525 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # STK525
Description  AT90USBxxx TQFP device (2.7V
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK525 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button STK525 Datasheet HTML 9Page - ATMEL Corporation STK525 Datasheet HTML 10Page - ATMEL Corporation STK525 Datasheet HTML 11Page - ATMEL Corporation STK525 Datasheet HTML 12Page - ATMEL Corporation STK525 Datasheet HTML 13Page - ATMEL Corporation STK525 Datasheet HTML 14Page - ATMEL Corporation STK525 Datasheet HTML 15Page - ATMEL Corporation STK525 Datasheet HTML 16Page - ATMEL Corporation STK525 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Using the STK525
STK525 Hardware User Guide
2-13
7608A–AVR–04/06
The STK525 USART implementation allows an optional hardware flow control that can
be enabled thanks to SP4, SP5, SP7, SP8 solder pads (See Figure 2-11).
Figure 2-11 . USART Schematic
Table 2-3 . UART Settings
Note:
1. Tx reference: STK525 source, Rx reference: STK525 destination
Mode
Solder Pads
Configuration
DB9
Connection
(1)
Software Data Flow
Control
(default configuration)
SP4: open
SP5: open
SP7: open
SP8: open
Tx
Rx
Pin 2
Pin 3
Optional
Hardware Flow Control
SP4: close
SP5: close
SP7: close
SP8: close
Tx
Rx
CTS
RTS
Pin 2
Pin 3
Pin 7
Pin 8
5
9
4
8
3
7
2
6
1
10
11
P1
SUB-D9 FEMALE
RS232
RS232 Interface
RS-CT S
VCC
CT S
RT S
.
11
.
12
.
10
.
9
.
8
.
7
.
13
.
14
C1+
1
V+
2
C1-
3
C2+
4
C2-
5
V-
6
RS 232
TTL
GND
VCC
U3
MAX3232
RS232 BUFFER
C17
100nF
C16
100nF
C18
100nF
C19
100nF
RxD
PD2
RS-T xD
RS-T xD
RS-T xD
RS-T xD
RS-T xD
RS-T xD
RS-T xD
RS-T xD
RS-RxD
PD[7..0]
SP4
SP5
PD1
PD0
PD3
T XD
SP7
SP8
RS-RT S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com