Electronic Components Datasheet Search
  English  ▼

X  

STK525 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # STK525
Description  AT90USBxxx TQFP device (2.7V
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK525 Datasheet(HTML) 4 Page - ATMEL Corporation

  STK525 Datasheet HTML 1Page - ATMEL Corporation STK525 Datasheet HTML 2Page - ATMEL Corporation STK525 Datasheet HTML 3Page - ATMEL Corporation STK525 Datasheet HTML 4Page - ATMEL Corporation STK525 Datasheet HTML 5Page - ATMEL Corporation STK525 Datasheet HTML 6Page - ATMEL Corporation STK525 Datasheet HTML 7Page - ATMEL Corporation STK525 Datasheet HTML 8Page - ATMEL Corporation STK525 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
Introduction
1-4
STK525 Hardware User Guide
7608A–AVR–04/06
Figure 1-1 . STK525 Board
1.2
STK525 Starter Kit Features
The STK525 provides the following features:
AT90USBxxx TQFP device (2.7V<Vcc<5.5V),
AVR Studio® software interface
(1),
USB software interface for Device Firmware Upgrade (DFU bootloader) (2)
STK500 compatible
Power supply flagged by “VCC-ON” LED:
– regulated 3 or 5V,
– from an external power connector,
– from the USB interface (USB device bus powered application),
– from STK500
(2),
ISP connector for on-chip ISP,
JTAG connector:
– for on-chip ISP,
– for on-chip debugging using JTAG ICE,
Serial interfaces:
– 1 USB full/low speed device/host interface
– RS-232C ports with RTS/CTS handshake lines,
On-board resources:
– 4+1-ways joystick,
–4 LEDs,
– temperature sensor,
– microphone,
– serial dataflash memory,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com