Electronic Components Datasheet Search
  English  ▼

X  

STK525 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # STK525
Description  AT90USBxxx TQFP device (2.7V
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK525 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button STK525 Datasheet HTML 15Page - ATMEL Corporation STK525 Datasheet HTML 16Page - ATMEL Corporation STK525 Datasheet HTML 17Page - ATMEL Corporation STK525 Datasheet HTML 18Page - ATMEL Corporation STK525 Datasheet HTML 19Page - ATMEL Corporation STK525 Datasheet HTML 20Page - ATMEL Corporation STK525 Datasheet HTML 21Page - ATMEL Corporation STK525 Datasheet HTML 22Page - ATMEL Corporation STK525 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
Using the STK525
STK525 Hardware User Guide
2-19
7608A–AVR–04/06
2.7
STK500 Resources
Figure 2-18 . Connecting STK525 to the STK500 Board
Note:
Caution: Do not mount an AVR microcontroller on the STK500 board when STK525 is
plugged on STK500.
2.7.1
Supply Voltage from STK500
The AVR supply voltage coming from STK500 (VTG) can also be controlled from AVR
Studio®.
The supply voltage coming from STK500 is controlled by power supply circuitry of
the STK525. Refer to Table 2-1 on page 8 to configure “Vcc Source” jumper.
2.7.2
Analog Reference Voltage from STK500
The AVR Analog Reference Voltage coming from STK500 (REF) can also be controlled
from AVR Studio®.
JP3 should be closed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com