Electronic Components Datasheet Search
  English  ▼

X  

STK526 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # STK526
Description  AT90USB82/162 TQFP device (2.7V
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK526 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button STK526 Datasheet HTML 15Page - ATMEL Corporation STK526 Datasheet HTML 16Page - ATMEL Corporation STK526 Datasheet HTML 17Page - ATMEL Corporation STK526 Datasheet HTML 18Page - ATMEL Corporation STK526 Datasheet HTML 19Page - ATMEL Corporation STK526 Datasheet HTML 20Page - ATMEL Corporation STK526 Datasheet HTML 21Page - ATMEL Corporation STK526 Datasheet HTML 22Page - ATMEL Corporation STK526 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
Using the STK526
2-18
STK526 rev. B Hardware User Guide
7709B–AVR–07/08
Figure 2-21 . EXP.CON 0 and EXP.CON 1 Connectors
2.7.3
Main Clock from STK500
The AVR clock frequency (external) coming from STK500 (XT1/XT2) can also be
controlled from AVR Studio®.
“STKX1” and ”STKX2” jumpers should be closed
2.7.4
RESET from STK500
The AVR RESET coming from STK500 (NRST - EXP.CON 0) can also control the
STK526.
2.8
In-System Programming
2.8.1
Programming with USB bootloader: DFU (Device Firmware Upgrade)
AT90USB82/162 part comes with a default factory pre-programmed USB bootloader
located in the on-chip boot section of the AT90USB82/162. This is the easiest and
fastest way to reprogram the device directly over the USB interface. The “Flip” PC-
based application offers a flexible and user friendly interface to reprogram the
application over the USB bus.
The HWB pin of the AT90USB82/162 allows to force the bootloader execution after
reset. (Please refer to AT90USB82/162 datasheet section “Bootloader support”). To
force bootloader execution, operate as follows:
Press both “RST” and “HWB” push buttons
First release the “RST” push button
Then release the “HWB” push button
EXP. CON 1
GND
GND
1 2
n.c. (AUXI0)
n.c. (AUXO0)
3 4
n.c. (CT7)
n.c. (CT6)
5 6
n.c. (CT5)
n.c. (CT4)
7 8
n.c. (CT3)
n.c. (CT2)
9 10
n.c. (CT1)
n.c. (BSEL2)
11 12
n.c.
REF
13 14
NRST
PG2
15 16
PG1
PG0
17 18
GND
GND
19 20
PC7
PC6
23 24
VTG
VTG
21 22
PC5
PC4
25 26
PC3
PC2
27 28
PC1
PC0
29 30
PA7
PA6
31 32
PA5
PA4
33 34
PA3
PA2
35 36
PA1
PA0
37 38
GND
GND
39 40
GND
GND
1 2
n.c. (AUXI1)
n.c. (AUXO1)
3 4
n.c. (DATA7)
n.c. (DATA6)
5 6
n.c. (DATA5)
n.c. (DATA4)
7 8
n.c. (DATA3)
n.c. (DATA2)
9 10
n.c. (DATA1)
n.c. (DATA0)
11 12
n.c. (SI)
n.c. (SO)
13 14
n.c. (SCK)
n.c. (CS)
15 16
XT1
XT2
17 18
VTG
VTG
19 20
PB7
PB6
23 24
GND
GND
21 22
PB5
PB4
25 26
PB3
PB2
27 28
PB1
PB0
29 30
PD7
PD6
31 32
PD5
PD4
33 34
PD3
PD2
35 36
PD1
PD0
37 38
GND
GND
39 40
EXP. CON 0
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com