Electronic Components Datasheet Search
  English  ▼

X  

STK526 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # STK526
Description  AT90USB82/162 TQFP device (2.7V
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK526 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button STK526 Datasheet HTML 18Page - ATMEL Corporation STK526 Datasheet HTML 19Page - ATMEL Corporation STK526 Datasheet HTML 20Page - ATMEL Corporation STK526 Datasheet HTML 21Page - ATMEL Corporation STK526 Datasheet HTML 22Page - ATMEL Corporation STK526 Datasheet HTML 23Page - ATMEL Corporation STK526 Datasheet HTML 24Page - ATMEL Corporation STK526 Datasheet HTML 25Page - ATMEL Corporation STK526 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Using the STK526
STK526 rev. B Hardware User Guide
2-21
7709B–AVR–07/08
Parallel High-Voltage
Programming
The STK526 is compatible with the Parallel Programming mode of the STK500. The
embedded RESET circuitry supports the HighVoltage pulses used during programming.
Once the STK526 is plugged into the STK500 Expand connectors, the following
configuration must be set before powering the boards :
On the STK526 :
– set the primary power source (Vcc Src jumper) to STK and REG 5V
– set the 3V3REG jumper to “NOREG”
– mount the jumper STKX1 to enable the STK500 clock signal
On the STK500 :
– connect the PROG_CTRL header (10 pts) to the PORTD header (10pts)
– connect the PROG_DATA header (10 pts) to the PORTB header (10pts)
– mount the following jumpers : VTARGET, RESET, XTAL1, BSEL2
– mount a jumper on the position 1-2 (= right side) of the OSCSEL header
All the Flash memory, EEPROM, all Fuse and Lock Bit can be programmed individually
or with the sequential automatic programming option.
Figure 2-24 . Connecting STK526 to STK500 for High Voltage Parallel Programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com