Electronic Components Datasheet Search
  English  ▼

X  

STK526 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # STK526
Description  AT90USB82/162 TQFP device (2.7V
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK526 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button STK526 Datasheet HTML 25Page - ATMEL Corporation STK526 Datasheet HTML 26Page - ATMEL Corporation STK526 Datasheet HTML 27Page - ATMEL Corporation STK526 Datasheet HTML 28Page - ATMEL Corporation STK526 Datasheet HTML 29Page - ATMEL Corporation STK526 Datasheet HTML 30Page - ATMEL Corporation STK526 Datasheet HTML 31Page - ATMEL Corporation STK526 Datasheet HTML 32Page - ATMEL Corporation STK526 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
STK526 rev. B Hardware User Guide
4-28
7709B–AVR–07/08
Section 4
Technical Specifications
System Unit
– Physical Dimensions ................................................. L=119 x W=56 x H=27 mm
– Weight ...........................................................................................................70 g
Operating Conditions
– Internal Voltage Supply .....................................................................2.7V - 5.5V
– External Voltage Supply ..........................................................9V -15V (100mA)
– USB ...................................................................................4.4V -5.25V (100mA)
Connections
– USB Connector .......................................................................Type-B receptacle
– USB Communications .................................................................. Full speed 2.0
– RS 232C Connector .............................................................9-pin D-SUB female
– RS 232C Communications Maximum Speed ........................................ 250 kbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com