Electronic Components Datasheet Search
  English  ▼

X  

SFH5141F Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH5141F
Description  Schmitt-Trigger IC in Miniature Sidelooker Package with Lens
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5141F Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH5141F Datasheet HTML 1Page - OSRAM GmbH SFH5141F Datasheet HTML 2Page - OSRAM GmbH SFH5141F Datasheet HTML 3Page - OSRAM GmbH SFH5141F Datasheet HTML 4Page - OSRAM GmbH SFH5141F Datasheet HTML 5Page - OSRAM GmbH SFH5141F Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SFH 5140 F, SFH 5141 F
2000-01-01
3
OPTO SEMICONDUCTORS
Zur Stabilisierung der Versorgung wird ein Stützkondensator (angeschlossen zwischen
V
CC und GND) von typ. 0.1 µF
empfohlen.
A bypass capacitor, 0.1
µF typical, connected between V
CC and GND is recommended in order to stabilize power supply
line.
Anstiegszeit 10% bis 90%
Rise time 10% to 90%
R
L = 280 Ω, Ee = 90 µW/cm
2,
λ = 950 nm
t
r
100
ns
Abfallzeit 90% bis 10%
Fall time 90% to 10%
R
L = 280 Ω, Ee = 90 µW/cm
2,
λ = 950 nm
t
f
100
ns
Ausgangsverzögerungszeit
Propagation delay time “H” ¨ “L”
R
L = 280 Ω, Ee = 90 µW/cm
2,
λ = 950 nm
t
PHL
5 (< 15)
µs
Ausgangsverzögerungszeit
Propagation delay time “L” ¨ “H”
R
L = 280 Ω, Ee = 90 µW/cm
2,
λ = 950 nm
t
PLH
5 (< 15)
µs
Empfohlener Arbeitsbereich
Recommended Operating Conditions
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Versorgungspannung
Supply voltage
V
CC
4.5 … 18
V
Ausgangsstrom
Output current
I
O
< 16
mA
Kennwerte (
T
A = 25 °C, VCC = 5 V)
Characteristics (cont’d)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com