Electronic Components Datasheet Search
  English  ▼

X  

SFH5141F Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH5141F
Description  Schmitt-Trigger IC in Miniature Sidelooker Package with Lens
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5141F Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH5141F Datasheet HTML 1Page - OSRAM GmbH SFH5141F Datasheet HTML 2Page - OSRAM GmbH SFH5141F Datasheet HTML 3Page - OSRAM GmbH SFH5141F Datasheet HTML 4Page - OSRAM GmbH SFH5141F Datasheet HTML 5Page - OSRAM GmbH SFH5141F Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SFH 5140 F, SFH 5141 F
2000-01-01
5
OPTO SEMICONDUCTORS
Relative Threshold
E
e,ON/Ee,ON (Vcc = 5 V) = f (VCC)
Output Voltage
V
OL = f (IOUT, VCC)
OHF00507
0.5
0
5
10
15
20
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.5
V
E
VCC
e, ON
E
e, ON_5 V
OHF00512
0
010
20
30
40
50
mA
5 V
OUT
I
0.5
1
1.5
2
2.5
3
3.5
OL
V
V
10 V
15 V
20 V
Supply Current
I
CC = f (VCC)
Supply Current vs. Ambient
Temperature
I
CC = f (TA, VCC)
OHF00510
0
0
5
10
15
20
V
1
2
3
4
mA
6
CC
I
VCC
OHF00514
0
-25
1
2
3
4
mA
6
CC
I
A
T
0
25
50
75
100
˚C
CC
V = 5 V
5
= 10 V
CC
V
= 20 V
VCC
= 15 V
VCC
Total Power Dissipation
P
tot = f (TA)
OHF00511
0
0
tot
P
A
T
20
40
60
80 ˚C 100
20
40
60
80
100
120
140
160
200
mW



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com