Electronic Components Datasheet Search
  English  ▼

X  

SFH5141F Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH5141F
Description  Schmitt-Trigger IC in Miniature Sidelooker Package with Lens
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5141F Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH5141F Datasheet HTML 1Page - OSRAM GmbH SFH5141F Datasheet HTML 2Page - OSRAM GmbH SFH5141F Datasheet HTML 3Page - OSRAM GmbH SFH5141F Datasheet HTML 4Page - OSRAM GmbH SFH5141F Datasheet HTML 5Page - OSRAM GmbH SFH5141F Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2000-01-01
4
OPTO SEMICONDUCTORS
SFH 5140 F, SFH 5141 F
Figure 1
Block Diagram
Figure 2
Test Circuit for Switching and Response Time
Figure 3
Switching Time Definitions
OHF00518
-
+
Voltage
Regulator
CC
V
OUT
GND
+
-
Regulator
Voltage
GND
OUT
CC
V
SFH 5141 F (Active “High”)
SFH 5140 F (Active “Low”)
OHF00520
CC
V
OUT
GND
R = 47
Ω
Input
L
R = 280
Ω
µF
C = 0.1
CC
V
OUT
GND
= 5 V
SFH 5140 F
SFH 5141 F
SFH 5140 F (Active “Low”)
OHF00519
PHL
t
t
PLH
50%
t
f
t
r
50%
90%
10%
Input
Output
Output
Input
t
PHL
50%
PLH
t
t
r
f
t
10%
50%
90%
SFH 5141 F (Active “High”)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com