Electronic Components Datasheet Search
  English  ▼

X  

PC-414WINS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PC-414WINS
Description  Last Time Buy Notice - Board Products
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PC-414WINS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PC-414WINS Datasheet HTML 1Page - List of Unclassifed Manufacturers PC-414WINS Datasheet HTML 2Page - List of Unclassifed Manufacturers PC-414WINS Datasheet HTML 3Page - List of Unclassifed Manufacturers PC-414WINS Datasheet HTML 4Page - List of Unclassifed Manufacturers PC-414WINS Datasheet HTML 5Page - List of Unclassifed Manufacturers PC-414WINS Datasheet HTML 6Page - List of Unclassifed Manufacturers PC-414WINS Datasheet HTML 7Page - List of Unclassifed Manufacturers PC-414WINS Datasheet HTML 8Page - List of Unclassifed Manufacturers PC-414WINS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
®®
FEATURES
••••• Up to 10 MHz A/D sample rate
••••• Very low harmonic distortion
••••• Analog input comparator trigger
••••• Choice of 12, 14, or 16-bit A/D resolution
••••• Optional 2 to 8-channel simultaneous sampling
••••• On-board FIFO memory up to 16,384 samples
••••• Ideal for FFT’s, DSP, or array processor “front ends”
••••• Non-bus burst parallel port for seamless recording
Offering very high system speed, the PC-414 is a multi-channel
analog input board for ISA compatible computers. Input
bandwidth is available up to 5 MHz and may be sampled at up
to 10 MHz. A common motherboard is used, with the analog
section contained in a pluggable 2” by 4” module. This allows
for a family of several different Sample/Hold - A/D Converter
speed and resolution options by exchanging analog modules.
The analog input ranges of the A/D converter are selectable
as unipolar 0 to +10 V, or bipolar ±5 V, or ±10 V depending on
the model. Model PC-414E offers 16 single-ended or 8
differential high speed channels.
Models PC-414F, G, J, K, L, M, and P include a simultaneous
sampling section. This function acquires signals on parallel
channels at the same time. This prevents phase errors and
skewing of multichannel correlated signals. Applications
include high speed cross-channel computation, beam-former
coherency for sonar or acoustics, telemetry, multiple carrier
demodulation, and highly concurrent system testing.
Figure 1. Functional Block Diagram
A/D data passes to an on-board First-In, First-Out (FIFO) data
memory and then to the host computer bus interface under
software control. The FIFO acts to uncouple the precise
timing of the A/D section from the block-oriented data
transfers on the bus. The design can continuously collect
analog data with non-stop converter triggering while data is
simultaneously read from the FIFO. This allows the collection
of “seamless” wide-bandwidth signals of millions of samples or
greater. Functions such as FFT sampling cannot tolerate lost
samples without increases in “arithmetic” noise during
computation processing.
Data can be transferred to mass storage peripherals such as
disk or magnetic tape. Applications include long-baseline
studies in astrophysics, component life testing, and
anomalous pattern search.
Channel Address Sequencer
FIFO
Memory
Empty Half
Full
Trigger Control
Trigger In
D/A Out
External
Trigger
Trigger
Comparator
Analog Trigger
D/A Converter
82C54 Programmable
Interval Timer
Interrupt
Request
DMA
Request
I/O Bus
Interface
DC/DC
Power Converter
Base Address
Select
Registers
8MHz
ISA BUS
Half
Full
DMA
T/C
Parallel Outport or
DSP COMM Port
D/A Output
Ready Output
Acknowledge Input
External Enable Input
+5V
SSH Control
ACQ
EOC
Reset
FIFO Flags
A/D Start Clock
M
U
X
A/D
A/D
C
T
L
Analog
Inputs
Digital
I/O
8 out,
8 in
Pluggable Analog Section
PC-414
High-Speed Analog Input Board
for ISA Computers
Now with
LabVIEW® VI's
NEW
DATEL, Inc., Mansfield, MA 02048 (USA)
• Tel: (508)339-3000, (800)233-2765 Fax: (508)339-6356 • Email: sales@datel.com • Internet: www.datel.com
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com