Electronic Components Datasheet Search
  English  ▼

X  

PC-414WINS Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # PC-414WINS
Description  Last Time Buy Notice - Board Products
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PC-414WINS Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button PC-414WINS Datasheet HTML 6Page - List of Unclassifed Manufacturers PC-414WINS Datasheet HTML 7Page - List of Unclassifed Manufacturers PC-414WINS Datasheet HTML 8Page - List of Unclassifed Manufacturers PC-414WINS Datasheet HTML 9Page - List of Unclassifed Manufacturers PC-414WINS Datasheet HTML 10Page - List of Unclassifed Manufacturers PC-414WINS Datasheet HTML 11Page - List of Unclassifed Manufacturers PC-414WINS Datasheet HTML 12Page - List of Unclassifed Manufacturers PC-414WINS Datasheet HTML 13Page - List of Unclassifed Manufacturers PC-414WINS Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
PC-414
®®
DATEL, Inc., Mansfield, MA 02048 (USA)
• Tel: (508)339-3000, (800)233-2765 Fax: (508)339-6356 • Email: sales@datel.com • Internet: www.datel.com
Input Channels, A/D Resolution
B = 4SE chans., 14 bits
J = 8SE simul. chans., 12 bits
D = 1D chan., 12 bits
K = 2SE simul. chans., 12 bits
E = 16SE/8D chans., 12 bits
L = 16SE simul. chans., 12 bits
F = 2SE simul. chans., 12 bits
M = 4SE simul. chans., 16 bits
G = 2SE simul. chans., 14 bits
N = 2SE simul. chans., 14 bits
H = 1D chan., 12 bits
P = 4SE simul. chans., 14 bits
FIFO Memory Size
1 = 1,024 A/D samples
2 = 4,096 A/D samples
3 = 16,384 A/D samples
Input Polarity
A = Bipolar or selectable
B = Unipolar
For models with user-
selectable polarity use the
“A” designator. CAUTION:
Read the input range
specifications carefully.
PC-414
ORDERING INFORMATION
61-7342340
SMA male to BNC male coaxial cable, 1 meter length. One cable required per channel.
PC-490B
DB-25 screw termination adapter (cable not included). Not recommended for high-frequency signals.
PC-414xCOMx
PC-414 with DSP COMM port interface. See PC-414COM data sheet.
Each board is power-cycle burned-in, tested and calibrated. All models include a user’s manual. An example program disk is
available on request at no charge.
Software:
PC-414SET
Setup/configuration data-collection program for MS-DOS. Executables only.
PC-414SRC
Source code for setup and configuration program on MS-DOS disks. Includes “C” and assembly source
code and window driver library. Documentation is on disk.
PC-414WIN
Setup/configuration program for Microsoft Windows 3.1. Executables only.
PC-414WINS
Source code for PC-414WIN, written with Borland Delphi.
PC-414LV
Bridge driver software to National Instruments’ LabVIEW®. See PC-414LV data sheet.
PC-414LVS
Source code for PC-414LV
PC-414NT
Setup/configuration program for Microsoft Windows NT. Executables only.
PC-414NTS
Source code for PC-414NT, written with Borland Delphi.
Call DATEL
Free example programs for the PC-414, written in Visual Basic 5. Contact Systems Application Dept.
Call DATEL
Free example programs for the PC-414, written in Microsoft QuickBASIC. Contact System Application
Dept.
Example: PC-414F3
Two simultaneous A/D’s, 2 MHz, 12-bit resolution, 16,384 FIFO samples.
Pentium is an Intel trademark
Windows and MS-DOS are Microsoft trademarks
LabVIEW is a National Instruments trademark
DT Connect is a Data Translation trademark
Hardware:
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com