| Electronic Components Datasheet Search |
|
PC-414WINS Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PC-414WINS Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers |
|
13 / 14 page ![]() PC-414 ®® DATEL, Inc., Mansfield, MA 02048 (USA) • Tel: (508)339-3000, (800)233-2765 Fax: (508)339-6356 • Email: sales@datel.com • Internet: www.datel.com All VI’s are assembled graphically using a mouse and can be edited at any time to modify functionality or appearance. Non- stop, seamless data acquisition continues on the PC-414 while LabVIEW simultaneously maintains the GUI and handles the A/D data stream in real time. Easily customized, interactive user interfaces can be created from the vast library of front panel controls and displays offered by LabVIEW. The PC-414LV includes extensive Dynamic Linked Library (DLL) functions that perform the PC-414 low level hardware control and monitor operations transparently. The software provides VI functions that poll PC-414 status flags independent of, and simultaneous with, data acquisition and data transfer. Control is retained by the user as long as LabVIEW continues to execute correctly. The multi-window, visual programming environment facilitates building and accessing hierarchical VI programs. Multi-tasking allows context switches to other concurrent Windows applications without disrupting PC-414 operation or control. The PC-414/LabVIEW system optimizes two concurrent processes - the PC-414 acquiring data while LabVIEW further processes or stores the uploaded data stream. The entire PC-414/LabVIEW combination uses only a few VI functions that are easy to understand and incorporate into a “block diagram” program. The basic concept is to initialize the PC-414 hardware, reset the FIFO memory, start data acquisition, and upload blocks of data from the FIFO to LabVIEW memory buffers on the host - or to remote receivers over the DT Connect I compatible output port. These data blocks can then be further processed as screen displays, indicators, graphs, sent to printers or plotters, or simply archived to disk file for later analysis. The A/D continues running and no data will be lost as long as LabVIEW uploads the A/D data faster than the data is being acquired. Virtual Instrument Library In summary, PC-414LV includes the following VI functions: PC-414 Initialize Initialize the PC-414 hardware - board model, I/O base address, etc. Operating Mode Specify A/D trigger rate, A/D sample rate, and analog input channel. Clear FIFO Reset the FIFO memory Start/Stop A/D Enable and disable the A/D. Read Status Read hardware status flags - FIFO flags, acquisition done, oversampling. Read FIFO Read blocks of A/D data from the FIFO on the PC-414 and fill a LabVIEW buffer on the host. Write DAC Update the analog output channel. Inport/Outport Read/write the 8-bit digital I/O port. PC-414 Demo Complete data acquisition demonstration VI, includes real time signal display. Demultiplex Buffers Unravel a multi-channel data buffer and extract data from one channel only. Figure 7. PC-414LV Visual Program 89 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |