Electronic Components Datasheet Search
  English  ▼

X  

PI6C2516 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C2516
Description  Phase-Locked Loop Clock Driver with 16 Clock Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2516 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C2516 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2516 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2516 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2516 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2516 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2516 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C2516 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2516
Phase-Locked Loop Clock Driver
with 16 Clock Outputs
4
PS8440C
07/24/01
l
o
b
m
y
Sn
o
it
i
d
n
o
C
t
s
e
TV C
C
.
n
i
M.
p
y
T.
x
a
Ms
ti
n
U
V K
I
e
g
a
tl
o
v
p
m
al
c
t
u
p
n
I
,A
m
8
1
–
t
a
t
n
e
rr
u
c
t
u
p
n
IV
39
7
.
0
–2
.
1
–
V
V H
O
I H
O =–
A
µ
0
0
1.
x
a
M
o
t
.
n
i
MV C
C
2
.
0
–9
9
.
2
I H
O =–
A
m
2
1
V
3
1
.
26
6
.
2
I H
O =–
A
m
64
.
23
8
.
2
V L
O
I L
O
A
µ
0
0
1
=.
x
a
M
o
t
.
n
i
M1
0
.
02
.
0
I L
O
A
m
2
1
=
V
3
3
.
08
.
0
I L
O
A
m
6
=5
1
.
05
5
.
0
II
t
n
e
rr
u
c
t
u
p
n
I
,V
=
e
g
a
tl
o
v
t
u
p
n
i
k
c
o
l
C
C
C
D
N
G
r
o
V
6
.
3
5
±A
µ
I
,t
n
e
rr
u
c
y
l
p
p
u
s
g
o
l
a
n
A
C
C
V
=
e
g
a
tl
o
v
t
u
p
n
i
k
c
o
l
C
C
C
D
N
G
r
o2
1A
m
CI
V
=
e
g
a
tl
o
v
t
u
p
n
I
C
C
D
N
G
r
o
V
3
.
3
0
.
40
.
4
F
p
CO
V
=
e
g
a
tl
o
v
t
u
p
t
u
O
C
C
D
N
G
r
o0
.
6
∆I C
C
V
@
t
u
p
n
i
e
n
O
C
C
,
V
6
.
0
–
V
@
st
u
p
n
i
r
e
h
t
o
C
C
D
N
G
r
o
V
6
.
3
o
t
V
3
.
30
.
50
0
5A
µ
ElectricalCharacteristics(OverRecommendedOperatingFree-airTemperatureRange)
FunctionTable
G
xK
L
C]
3
:
0
[
Y
xT
U
O
_
B
F
LL
L
L
LH
L
H
HL
L
L
HH
H
H
Note:
x is from 1 to 4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com