Electronic Components Datasheet Search
  English  ▼

X  

PI6C2516 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6C2516
Description  Phase-Locked Loop Clock Driver with 16 Clock Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2516 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI6C2516 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2516 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2516 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2516 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2516 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2516 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C2516 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2516
Phase-Locked Loop Clock Driver
with 16 Clock Outputs
6
PS8440C
07/24/01
ParameterMeasurementInformation
Load Circuit
From Output
Under Test
22pF
500
Ω
50% VCC
50% VCC
3V
0V
50% VCC
VOH
VOL
Input
Output
tpd
tr
tf
80%
20%
80%
20%
Voltage Waveforms
Propagation Delay times
Notes:
1. CL includes probe and jig capacitance.
2. All input pulses are supplied by generators having the following characteristics:
CLKIN ≤ 100MHz, ZO = 50 ohms, tr ≤1.2ns,tf ≤1.2ns.
3. The outputs are measured one at a time with one transition per measurement.
CLKIN
FBIN
FBOUT
Any Y
tphase error
tsk(O)
Any Y
Any Y
tsk(O)
Phase Error and Skew Calculations



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com