Electronic Components Datasheet Search
  English  ▼

X  

PI6C2516 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C2516
Description  Phase-Locked Loop Clock Driver with 16 Clock Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2516 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C2516 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2516 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2516 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2516 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2516 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2516 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C2516 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
PS8440C
07/24/01
Pin Description
Product Features
• High Performance Phase-Locked Loop Clock Distribution for
Synchronous DRAM, server and networking applications.
• Zero Input-to-Output delay: Distribute One Clock Input
to four banks of four outputs, with separate output enables
for each bank.
• Allow Clock Input to have Spread Spectrum modulation for
EMI reduction. The clock outputs track the Clock Input
modulation.
• Maximum clock frequency of 150 MHz.
• Low jitter: Cycle-to-Cycle jitter ±100ps max
• Operates at 3.3V VCC
• Available Packaging:
– 48-pin TSSOP (Thin Shrink Small Outline) (A)
Description
The PI6C2516 family is a low-skew, low jitter, phase-locked loop
(PLL) clock driver, distributing high-frequency clock signals for
SDRAM, server and networking applications. By connecting the
feedback FB_OUT output to the feedback FB_IN input, the propa-
gation delay from the CLK input to any clock output will be nearly
zero. This zero-delay feature allows the CLK input clock to be
distributed, providing 4 banks of four outputs.
For test purposes, the PLL can be bypassed by strapping the AVCC
to ground.
The PI6C2516 family has the same pinout as the TI CDC2516, with
the added feature of allowing Spread Spectrum clock input.
Block Diagram
CLK
FB_IN
AVCC
4
4Y [0:3]
FB_OUT
4G
PLL
4
3Y [0:3]
3G
4
2Y [0:3]
2G
4
1Y [0:3]
1G
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2516
Phase-Locked Loop Clock Driver
with 16 Clock Outputs
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
VCC
1Y0
1Y1
GND
GND
1Y2
1Y3
VCC
1G
GND
AVCC
CLK
AGND
AGND
GND
2G
VCC
2Y0
2Y1
GND
GND
2Y2
2Y3
VCC
VCC
4Y0
4Y1
GND
GND
4Y2
4Y3
VCC
4G
GND
AVCC
FB_IN
AGND
FB_OUT
GND
3G
VCC
3Y0
3Y1
GND
GND
3Y2
3Y3
VCC
48-Pin
A


Similar Part No. - PI6C2516

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2510-133 PERICOM-PI6C2510-133 Datasheet
141Kb / 5P
Low-Noise, Phase-Locked Loop Clock Driver with 10 Clock Outputs
PI6C2510-133E PERICOM-PI6C2510-133E Datasheet
331Kb / 4P
Low-Noise, Phase-Locked Loop Clock Driver with 10 Clock Outputs
PI6C2510-133EL PERICOM-PI6C2510-133EL Datasheet
331Kb / 4P
Low-Noise, Phase-Locked Loop Clock Driver with 10 Clock Outputs
PI6C2510-133ELE PERICOM-PI6C2510-133ELE Datasheet
331Kb / 4P
Low-Noise, Phase-Locked Loop Clock Driver with 10 Clock Outputs
PI6C2510A PERICOM-PI6C2510A Datasheet
335Kb / 5P
Phase-Lock Loop Clock Driver with 10-Clock Outputs
More results

Similar Description - PI6C2516

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
Phase-Locked Loop Clock Driver
PI6C2502A PERICOM-PI6C2502A Datasheet
276Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2510-133 PERICOM-PI6C2510-133 Datasheet
141Kb / 5P
Low-Noise, Phase-Locked Loop Clock Driver with 10 Clock Outputs
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2509-133 PERICOM-PI6C2509-133 Datasheet
277Kb / 4P
Low-Noise Phase-Locked Loop Clock Driver with 9 Clock Outputs
PI6C2504A PERICOM-PI6C2504A Datasheet
292Kb / 4P
Phase-Locked Loop Clock Driver with 4 Clock Outputs
PI6C2504 PERICOM-PI6C2504 Datasheet
299Kb / 4P
Phase-Locked Loop Clock Driver with 4 Clock Outputs
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2401 PERICOM-PI6C2401 Datasheet
71Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2510-133E PERICOM-PI6C2510-133E Datasheet
331Kb / 4P
Low-Noise, Phase-Locked Loop Clock Driver with 10 Clock Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com