Electronic Components Datasheet Search
  English  ▼

X  

SDP1000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SDP1000
Description  For cost sensitive HVAC and medical OEM applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDP1000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SDP1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.sensirion.com
v5 February 2013
2/10
1
Specifications
Table 1: Sensor specifications (at 23°C and pabsolute = 966 mbar, VDD = 5.0 V unless otherwise noted).
Parameter
SDP1000-L025
SDP1000-L05
SDP1000-L
SDP1000-R
SDP2000-L
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Measurement range
-62
62
-5
125
- 20
500
- 20
500
-100
3500
Pa
-0.25
0.25
-0.02
0.5
-0.08
2
-0.08
2
-0.4
14
Inch water
Power supply
(see Tab 4)
4.75
5.00
5.25
4.75
5.00
5.25
4.75
5.00
5.25
4.75
5.00
5.25
4.75
5.00
5.25
V
Full scale output
(100 k
Ω load)
Typ. 4.00V at +62Pa
Typ. 0.20V at –62Pa
4.00
4.00
4.00
4.00
V
Zero Pressure Output
2.10
0.250
0.250
0.250
0.250
V
Accuracy
(also see Figure 1)
0.5
0.6
0.2
0.3
0.1
0.2
0.2
0.3
0.1
0.2
% FS (1)(2)
1.5
2
1.5
2
1
1.5
1
1.5
1
1.5
% m.v. (1)
Repeatability
0.3
0.5
0.3
0.5
0.3
0.5
0.3
0.5
0.3
0.5
% m.v. (1)
Offset stability
0
±0.1
0
±0.1
0
±0.1
0
±0.3
0
±0.3 Pa / year
Additional error
over temperature
(T ≠ 23°C)
0.003 0.006
0.003 0.006
0
0
0
0
0
0
% FS/°C (2)
0.03
0.05
0.03
0.05
0.03
0.05
0.03
0.05
0.03
0.05
% m.v./°C
Resolution < 30% FS(1)
0.05
0.1
0.2
0.05
0.1
0.2
0.05
0.1
0.2
0.05
0.1
0.2
0.2
0.5
1
Pa
Resolution 30..70% FS(1)
0.2
0.5
1.5
0.2
0.5
1.5
1
2.5
8
Pa
Resolution > 70% FS(1)
1.5
2.2
3
1.5
2.2
3
8
11
14
Pa
(1) FS = full scale or span, m.v. = measured value, i.e. reading, whichever value is bigger
(2) FS = full scale or span, i.e. for the SDP1000 it is 500 Pa (2 “H2O), for the SDP1000-L025 it is 62 Pa (0.25 “H2O),
(3) See 2.2 Voltage Output formula for conversion
Figure 1:
Accuracy (includes errors caused by offset, linearity,
hysteresis and repeatability) of the SDP1000 -L (1), (2)
compared with typical membrane sensors (3).
Figure 2: Max. repeatability and offset drift/year of
the SDP1000-L (1) compared with two
typical membrane based sensors (2,3).
0
1
2
3
4
5
6
7
8
9
10
0
10
20
30
40
50
60
70
80
90
100
differential pressure [% full scale]
0
1
2
3
4
5
6
7
0
1
2
3
4
repeatability [Pa]
(1)
(2)
(3)
(1)
SDP1000-L
(2,3) Membrane based sensors
1
2
3
(1)
SDP1000 / SDP2000 around
23°C
(2)
SDP1000 / SDP2000 between
0°…50°C
(3)
Typical membrane based
sensor with 1.5% FS error
between 10°…40°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com