Electronic Components Datasheet Search
  English  ▼

X  

SDP1000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SDP1000
Description  For cost sensitive HVAC and medical OEM applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDP1000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SDP1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.sensirion.com
Sensirion - the sensor company
SDP1000 / SDP2000
Low Range Differential Pressure Sensor
for Air and Non-Aggressive Gases
Data Sheet – v5
− For cost sensitive HVAC and medical OEM applications
− Unsurpassed performance thanks to CMOSens® technology
− Offset and hysteresis free
− Excellent accuracy and reproducibility even below 10 Pa
− Fully calibrated and temperature compensated
− Linear or square root extracted output characteristics available
− Not sensitive to the mounting orientation
− Direct PCB mounting with simple snap-on system
SDP1000 / SDP2000 Product Summary
The SDP1000 / SDP2000 differential pressure sensors
for air cover the following measurement ranges: –5 to
125 Pa (0.5 inch H2O), -20 to 500 Pa (2 inch H2O), and -
100 to 3500 Pa (14 inch H2O).
Mounted in a rugged, chemically inert PPS housing the
SDP1000 / SDP2000 differential pressure sensors
feature a unique dynamic range, zero offset and
unsurpassed long term stability. This makes it an ideal fit
for demanding yet cost sensitive OEM applications in
HVAC and medical equipment.
The devices are supplied with 5.0 V and provide a
0.25…4.0 V output. Although the output of the
SDP1000 / SDP2000 differential pressure sensor is
analog, the internal linearization and temperature
compensation is performed digitally. This results in a
superior accuracy, outstanding resolution (up to 0.05
Pa), and lowest temperature dependence. The SDP1000
is available with a linear or square root extracted output
characteristics
at
the
same
price.
Since
fully
exchangeable just a few external electronic components
around the SDP1000 / SDP2000 make a high quality
differential sensor transmitter with e.g. an 0...10 V output
or other interfaces (see Figure 8).
Its leading performance is based on Sensirion’s
proprietary
CMOSens®
sensor
technology
which
combines the sensor element with amplification and A/D
conversion on one single silicon chip. The differential
pressure is measured by a thermal sensor element. In
contrast to other thermal differential pressure sensors
only a very small amount of air is required (see
Figure 6). This leads to a reliable operation even under
harsh conditions. In comparison to membrane based
sensors the SDP1000 / SDP2000 differential pressure
sensors show an extended measurement range, better
offset stability and improved reproducibility even at
lowest pressure ranges (see Figure 1 and 2). In addition
the SDP1000 / SDP2000 is robust against pressure
bursts and shows no sensitivity to the mounting
orientation.
SDP1000 / SDP2000 is fully RoHS compliant.
Applications
- Medical
- HVAC
- Automotive
- Process Automation
Block Diagram
CMOSens®
SENSOR CHIP
V
DD
5.0 V
OUT
0.25 V
to 4 V
GND
actual size


Similar Part No. - SDP1000

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SDP10N06 VBSEMI-SDP10N06 Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
logo
Infineon Technologies A...
SDP10S30 INFINEON-SDP10S30 Datasheet
618Kb / 9P
Silicon Carbide Schottky Diode
2001-12-04
SDP10S30 INFINEON-SDP10S30 Datasheet
620Kb / 9P
Silicon Carbide Schottky Diode
Rev. 1.5 2008-06-02
SDP10S30 INFINEON-SDP10S30_08 Datasheet
620Kb / 9P
Silicon Carbide Schottky Diode
Rev. 1.5 2008-06-02
More results

Similar Description - SDP1000

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9407MA HAMAMATSU-C9407MA Datasheet
219Kb / 5P
Compact and low cost, OEM model (C9409MA)
logo
Intronics Power, Inc.
AD2010 INTRONICS-AD2010 Datasheet
151Kb / 1P
Low Cost 3 1/2 Digit DPM for OEM Applications
logo
National Instruments Co...
CRIO-907X NI-CRIO-907X Datasheet
721Kb / 2P
Lower cost systems for high-volume OEM applications
logo
Analog Devices
AD2015 AD-AD2015_15 Datasheet
929Kb / 2P
LOW COST 3 1/2 DIGIT DPM FOR OEM APPLICATIONS
REV. A
logo
Amphenol Corporation
T8700 AMPHENOL-T8700 Datasheet
118Kb / 4P
Precision humidity and temperature transmitter for HVAC control applications
logo
Fluke Corporation
116 FLUKE-116 Datasheet
771Kb / 2P
Built in thermometer for HVAC applications
logo
Sensirion AG Switzerlan...
SEN5X SENSIRION-SEN5X Datasheet
1Mb / 30P
Environmental Sensor Node for HVAC and Air Quality Applications
Version 2 - D1 - March 2022
logo
E+E Elektronik Ges.m.b....
EE65 EPLUSE-EE65 Datasheet
888Kb / 2P
Air Velocity Transmitter for HVAC Applications
EE150 EPLUSE-EE150 Datasheet
1Mb / 8P
Humidity and Temperature Sensor for HVAC Applications
04-2023
EE650 EPLUSE-EE650 Datasheet
1Mb / 9P
Air Velocity Sensor for HVAC Applications
02-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com